Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBX-110 Datasheet (PDF) - Advantech Co., Ltd.

UBX-110 Datasheet PDF - Advantech Co., Ltd.
Part # UBX-110
Download  UBX-110 Download
File Size   717.11 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8K UHD Hospitality Box Computer with Intel 11th Gen Processor

UBX-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
UBX-110 Datasheet PDF - Advantech Co., Ltd.

Part # UBX-110
Download  UBX-110 Click to download

File Size   717.11 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8K UHD Hospitality Box Computer with Intel 11th Gen Processor

UBX-110 Datasheet (HTML) - Advantech Co., Ltd.


UBX-110 Product details

Features
ƒ Equipped with DeviceOn/iService software for remote device management
ƒ Supports triple display to extend a visible range and provide the detailed
video contents
ƒ Superior video quality: support up to 8K UHD resolution
ƒ Built-in a TPM 2.0 chip for data encryption enhancement
ƒ Support two M.2 2280 SATA SSD expansions for RAID 0/1 function
ƒ An exclusive VESA mounting kit with a thermal isolation bracket for horizontal
or vertical installation
ƒ Can be integrated with optional WiFi and Bluetooth combo module
ƒ Supports Windows 10 IoT LTSC 2021, Windows 11 IoT, Linux,
or Android 12.0




Similar Part No. - UBX-110

ManufacturerPart #DatasheetDescription
logo
u-blox AG
UBX-14001652 U-BLOX-UBX-14001652 Datasheet
1Mb / 53P
Stand-alone multiradio modules with Wi-Fi and Bluetooth
3-Mar-2021
UBX-14040040 U-BLOX-UBX-14040040 Datasheet
1Mb / 53P
Stand-alone multiradio modules with Wi-Fi and Bluetooth
3-Mar-2021
UBX-14041540 U-BLOX-UBX-14041540 Datasheet
1Mb / 24P
Evaluation Kit Early Production Information
UBX-14044127 U-BLOX-UBX-14044127 Datasheet
1Mb / 53P
Stand-alone multiradio modules with Wi-Fi and Bluetooth
3-Mar-2021
UBX-15024695 U-BLOX-UBX-15024695 Datasheet
1Mb / 53P
Stand-alone multiradio modules with Wi-Fi and Bluetooth
3-Mar-2021
More results


Similar Description - UBX-110

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RM641-HD DFI-RM641-HD Datasheet
584Kb / 3P
4th Gen Intel Core Processor Rackmount Box PC
RM641-SD DFI-RM641-SD Datasheet
597Kb / 3P
6th Gen Intel Cor Processor Rackmount Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
logo
Advantech Co., Ltd.
ARK-1250L ADVANTECH-ARK-1250L Datasheet
1Mb / 4P
Intel® 11th gen Core™ i processor with Triple LAN/ Quadruple COM Din-Rail Fanless Box PC
26-Aug-2022
VEGA-3500 ADVANTECH-VEGA-3500 Datasheet
405Kb / 2P
Intel® 11th Gen CPU-based UHD Video Accelerator Card
16-Jun-2022
UTC-115 ADVANTECH-UTC-115_V02 Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
UTC-120 ADVANTECH-UTC-120_V02 Datasheet
996Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
UTC-124 ADVANTECH-UTC-124_V02 Datasheet
945Kb / 4P
23.8" Ubiquitous Touch Computer UTC-124I1 with 11th Gen Intel® Core™ i5/i3 Processor
25-Aug-2023
UTC-124 ADVANTECH-UTC-124_V03 Datasheet
1Mb / 4P
23.8" Ubiquitous Touch Computer UTC-124I3 with 11th Gen Intel® Core™ i7/i5/i3 Processor
25-Aug-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com