Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AC244 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54AC244 Datasheet PDF - Texas Instruments
Part # SN54AC244
Download  SN54AC244 Download
File Size   1498.49 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs

SN54AC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AC244 Datasheet PDF - Texas Instruments

Part # SN54AC244
Download  SN54AC244 Click to download

File Size   1498.49 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs

SN54AC244 Datasheet (HTML) - Texas Instruments


SN54AC244 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN (RKS) package
• Wide operating range of 1.5 V to 6 V
• Inputs accept voltages up to 6 V
• Continuous ±24-mA output drive at 5 V
• Supports up to ±75-mA output drive at 5 V
in short bursts
• Drives 50-Ω transmission lines
• Maximum tpd of 6.8 ns at 5 V

2 Applications
• Enable or disable a digital signal
• Eliminate slow or noisy input signals
• Hold a signal during controller reset
• Debounce a switch

3 Description
The SN74AC244-Q1 is an octal buffer with 3-state
outputs and Schmitt-trigger inputs. The device is
configured into two banks of four drivers, each
controlled by an output enable pin.




Similar Part No. - SN54AC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
1Mb / 22P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI1-SN54AC244 Datasheet
1Mb / 22P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN54AC244 TI1-SN54AC244 Datasheet
2Mb / 34P
SNx4AC244 Octal Buffers or Drivers with 3-State Outputs
REVISED AUGUST 2023
More results


Similar Description - SN54AC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244A-Q1 TI-SN74LV244A-Q1 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers with 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V01 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED SEPTEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V01 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V02 Datasheet
1Mb / 24P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V03 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V04 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74AC244-Q1 TI-SN74AC244-Q1 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC8541-Q1 TI1-SN74AC8541-Q1 Datasheet
1Mb / 31P
SN74AC8541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com