| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN7R0-100PS
|
252Kb / 16P |
N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010 |
|
PSMN013-100PS
|
177Kb / 14P |
N-channel 100V 13.9m廓 standard level MOSFET in TO220.
Rev. 02-22 January 2010 |
|
PSMN7R0-100PS
|
268Kb / 14P |
N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
17 October 2013 |
|
PSMN013-100PS
|
235Kb / 14P |
N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012 |
 Nexperia B.V. All right... |
PSMN4R3-80PS
|
826Kb / 15P |
N-channel 80 V, 4.3 mΩ standard level MOSFET in TO220
Rev. 03 - 18 April 2011 |
|
PSMN7R0-100BS
|
976Kb / 14P |
N-channel 100V 6.8 mΩ standard level MOSFET in D2PAK.
Rev. 2 - 2 March 2012 |
|
PSMN7R0-100ES
|
865Kb / 15P |
N-channel 100V 6.8 mΩ standard level MOSFET in I2PAK.
Rev. 03 - 23 February 2010 |
|
PSMN013-100PS
|
739Kb / 14P |
N-channel 100V 13.9mΩ standard level MOSFET in TO220.
10 August 2012 |
|
PSMN027-100PS
|
805Kb / 14P |
N-channel 100V 26.8 mΩ standard level MOSFET in TO220
Rev. 3 - 12 September 2011 |
|
PSMN034-100PS
|
810Kb / 15P |
N-channel 100 V 34.5 mΩ standard level MOSFET in TO220.
Rev. 02 - 1 March 2010 |