| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN7R0-30YLC
|
308Kb / 15P |
N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011 |
 Nexperia B.V. All right... |
PSMN1R0-30YLC
|
753Kb / 14P |
N-channel 30 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
15 January 2015 |
|
PSMN1R1-25YLC
|
973Kb / 15P |
N-channel 25 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011 |
|
PSMN1R2-25YLC
|
930Kb / 15P |
N-channel 25 V 1.3 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011 |
|
PSMN4R5-30YLC
|
1Mb / 15P |
N-channel 30 V 4.8 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 3 - 5 July 2011 |
|
PSMN011-30YLC
|
915Kb / 15P |
N-channel 30 V 11.6 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 3 - 24 October 2011 |
|
PSMN6R0-30YLB
|
915Kb / 15P |
N-channel 30 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 24 October 2011 |
|
PSMN6R5-25YLC
|
903Kb / 15P |
N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011 |
|
PSMN8R0-30YLC
|
544Kb / 16P |
N-channel 30 V 7.9 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011 |
|
PSMN9R5-30YLC
|
907Kb / 15P |
N-channel 30 V 9.8 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011 |