Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2025UFDB Datasheet (PDF) - Diodes Incorporated

DMN2025UFDB Datasheet PDF - Diodes Incorporated
Part # DMN2025UFDB
Download  DMN2025UFDB Download
File Size   485.69 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN2025UFDB Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN2025UFDB Datasheet PDF - Diodes Incorporated

Part # DMN2025UFDB
Download  DMN2025UFDB Click to download

File Size   485.69 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN2025UFDB Datasheet (HTML) - Diodes Incorporated


DMN2025UFDB Product details

Features
 0.6mm Profile – Ideal for Low Profile Applications
 PCB Footprint of 4mm2
 Low Gate Threshold Voltage
 Fast Switching Speed
 ESD Protected Gate
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 Battery Management Application
 Power Management Functions
 DC-DC Converters




Similar Part No. - DMN2025UFDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2025UFDF DIODES-DMN2025UFDF Datasheet
492Kb / 8P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 3 - 2
DMN2025UFDF-13 DIODES-DMN2025UFDF-13 Datasheet
492Kb / 8P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 3 - 2
DMN2025UFDF-7 DIODES-DMN2025UFDF-7 Datasheet
492Kb / 8P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 3 - 2
More results


Similar Description - DMN2025UFDB

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
20V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2004
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com