Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424698 Datasheet (PDF) - PHOENIX CONTACT

1424698 Datasheet PDF - PHOENIX CONTACT
Part # 1424698
Download  1424698 Download
File Size   1727.29 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRB-3PL SH PB - Data connector

1424698 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424698 Datasheet PDF - PHOENIX CONTACT

Part # 1424698
Download  1424698 Click to download

File Size   1727.29 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FRB-3PL SH PB - Data connector

1424698 Datasheet (HTML) - PHOENIX CONTACT


1424698 Product details

Data connector, PROFIBUS DP (12 Mbps), 3-position, shielded, Socket angled M12, B, Pushlock
spring connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4 mm
... 8 mm

Your advantages
• Time-saving Push-Lock connection: Tool-free connection and disconnection of conductors by opening the contact levers
• Intuitive connection: Easy assignment of individual litz wires with color-coded and numerical identification of the contact levers
• Integrated Push-in Technology: Wire rigid and pretreated conductors easily by means of simple, direct insertion
• Shock- and vibration-resistant connection: Proven spring-cage technology guarantees secure and reliable contacting
• Safely shielded: Reliable 360° shield connection even under extreme mechanical strain
• Flexible cable outlets with angled connectors




Similar Part No. - 1424698

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424690 PHOENIX-1424690 Datasheet
149Kb / 9P
Connector - SACC-M12FR-5PL
09/11/2020
1424691 PHOENIX-1424691 Datasheet
590Kb / 17P
SACC-M12MS-4PL - Connector
1424692 PHOENIX-1424692 Datasheet
630Kb / 17P
SACC-M12MR-4PL - Connector
1424693 PHOENIX-1424693 Datasheet
146Kb / 10P
Connector - SACC-M12FS-4PL
09/11/2020
1424694 PHOENIX-1424694 Datasheet
149Kb / 10P
Connector - SACC-M12FR-4PL
09/11/2020
More results


Similar Description - 1424698

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1513606 PHOENIX-1513606 Datasheet
1Mb / 6P
Connector - SACC-M12FRB-5SC SH
1529946 PHOENIX-1529946 Datasheet
84Kb / 4P
Bus system connector - SACC-M12FRB-3SC SH PB
1539224 PHOENIX-1539224 Datasheet
80Kb / 4P
Bus system connector - SACC-M12FRB-2SC SH PB
1549861 PHOENIX-1549861 Datasheet
1Mb / 6P
Data connector - SACC-M12FRB-5SC SH IB
1424696 PHOENIX-1424696 Datasheet
157Kb / 11P
Data connector - SACC-M12FSB-3PL SH PB
09/11/2020
1413931 PHOENIX-1413931 Datasheet
501Kb / 14P
SACC-M12MSB-2QO SH PB - Data connector
1424665 PHOENIX-1424665 Datasheet
1Mb / 18P
SACC-M12FRB-5PL SH - Connector
1424679 PHOENIX-1424679 Datasheet
626Kb / 18P
SACC-M12MRB-2PL SH PB - Data connector
1424681 PHOENIX-1424681 Datasheet
1Mb / 18P
SACC-M12FRB-2PL SH PB - Data connector
1430420 PHOENIX-1430420 Datasheet
1Mb / 14P
SACC-M12FRB-5CON-PG 9-SH - Data connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com