Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1429062 Datasheet (PDF) - PHOENIX CONTACT

1429062 Datasheet PDF - PHOENIX CONTACT
Part # 1429062
Download  1429062 Download
File Size   380.07 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12MS-6CON-M16/1,0-970 - Device connector, rear mounting

1429062 Datasheet (PDF)

Go To PDF Page Download Datasheet
1429062 Datasheet PDF - PHOENIX CONTACT

Part # 1429062
Download  1429062 Click to download

File Size   380.07 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12MS-6CON-M16/1,0-970 - Device connector, rear mounting

1429062 Datasheet (HTML) - PHOENIX CONTACT


1429062 Product details

Device connector, rear mounting, 8-position, SANTOPRENE halogen-free, black RAL 9005,
shielded, Plug, straight, M12, coding: A , on free cable end, Rear mounting, M16 x 1.5, Cable
connection, cable length: 1 m, 0.25 mm2, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1239592

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1429062

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
HDC MHP 100 MC
More results


Similar Description - 1429062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551574 PHOENIX-1551574 Datasheet
433Kb / 12P
SACCBP-M12MSD-4CON-M16/1,0-931 - Device connector, rear mounting
1442308 PHOENIX-1442308 Datasheet
458Kb / 11P
SACCBP-MS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting
1429127 PHOENIX-1429127 Datasheet
374Kb / 9P
SACCBP-M12FS-6CON-M16/5,0-970 - Device connector, rear mounting
1552353 PHOENIX-1552353 Datasheet
368Kb / 11P
SACCBP-M12MSD-4CON-M16/1,0-933 - Device connector, rear mounting
1239594 PHOENIX-1239594 Datasheet
281Kb / 7P
SACCBP-M12MS-6CON-M16/5,0-970X - Device connector, rear mounting
1429059 PHOENIX-1429059 Datasheet
380Kb / 9P
SACCBP-M12MS-6CON-M16/0,5-970 - Device connector, rear mounting
1429114 PHOENIX-1429114 Datasheet
374Kb / 9P
SACCBP-M12FS-6CON-M16/2,0-970 - Device connector, rear mounting
1239593 PHOENIX-1239593 Datasheet
282Kb / 7P
SACCBP-M12MS-6CON-M16/2,0-970X - Device connector, rear mounting
1429088 PHOENIX-1429088 Datasheet
380Kb / 9P
SACCBP-M12MS-6CON-M16/5,0-970 - Device connector, rear mounting
1239591 PHOENIX-1239591 Datasheet
365Kb / 8P
SACCBP-M12MS-6CON-M16/0,5-970X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com