Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1023A Datasheet (PDF) - Belden Inc.

1023A Datasheet PDF - Belden Inc.
Part # 1023A
Download  1023A Download
File Size   165.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type TX Thermocouple, 1 Pr #16 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG

1023A Datasheet (PDF)

Go To PDF Page Download Datasheet
1023A Datasheet PDF - Belden Inc.

Part # 1023A
Download  1023A Click to download

File Size   165.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type TX Thermocouple, 1 Pr #16 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG

1023A Datasheet (HTML) - Belden Inc.


1023A Product details

Product Description
Type TX Thermocouple, 1 Pair 16AWG (Solid) OFHC+Constantan, PVC Insulation Blu, Red Color Code, Overall Beldfoil® Shield, Blue PVC Outer Jacket,
PLTC ITC CMG AWM 2464 SUN RES




Similar Part No. - 1023A

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1023 KEYSTONE-1023 Datasheet
174Kb / 1P
THM BATTERY HOLDERS
31-07 20th
logo
List of Unclassifed Man...
10230 ETC2-10230 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Heyco.
10230 HEYCO-10230 Datasheet
122Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Anaren Microwave
10230-3 ANAREN-10230-3 Datasheet
279Kb / 2P
Hybrid Couplers
logo
SICK AG
1023002 SICK-1023002 Datasheet
1Mb / 7P
CONTRAST SENSORS
More results


Similar Description - 1023A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
3115A BELDEN-3115A Datasheet
166Kb / 2P
Type JX Thermocouple, 2 Pr #2022 Sol, PVC Ins Wht, Red, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-15-2022
1117A BELDEN-1117A Datasheet
160Kb / 2P
Type TX Thermocouple, 1 Pr #16 Sol, FEP Ins Blu, Red, OS, Blue FEP Jkt,300V PLTC CL2P 200C SUN RES
04-14-2023
1000A BELDEN-1000A Datasheet
168Kb / 2P
Type JX Thermocouple, 1 Pr #16 Sol, PVC Ins Wht, Red, OS, Blk PVC Jkt,300V PLTC ITC CMG
04-14-2023
1012A BELDEN-1012A Datasheet
167Kb / 2P
Type KX Thermocouple, 4 Pr #2022 Sol, PVC Ins Yel, Red, IS/OS, Yellow PVC Jkt, 300V PLTC ITC CMG
12-16-2022
1018A BELDEN-1018A Datasheet
196Kb / 2P
Type KX Thermocouple, 1 Pr #16 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1101A BELDEN-1101A Datasheet
166Kb / 2P
Type EX Thermocouple, 1 Pr #16 Sol, PVC Ins Pur, Red, OS, Purple PVC Jkt,300V PLTC ITC CMG
04-14-2023
3111A BELDEN-3111A Datasheet
165Kb / 2P
Type JX Thermocouple, 1 Pr #20 Sol, PVC Ins Wht, Red, OS, Blk PVC Jkt,300V PLTC ITC CMG
04-14-2023
3112A BELDEN-3112A Datasheet
179Kb / 2P
Type KX Thermocouple, 1 Pr #20 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt,300V PLTC ITC CMG
06-01-2023
3113A BELDEN-3113A Datasheet
165Kb / 2P
Type TX Thermocouple, 1 Pr #20 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com