Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1061A Datasheet (PDF) - Belden Inc.

1061A Datasheet PDF - Belden Inc.
Part # 1061A
Download  1061A Download
File Size   165.92 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1061A Datasheet (PDF)

Go To PDF Page Download Datasheet
1061A Datasheet PDF - Belden Inc.

Part # 1061A
Download  1061A Click to download

File Size   165.92 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1061A Datasheet (HTML) - Belden Inc.


1061A Product details

Product Description
UL Instrumentation, 36 Pair 20+22AWG (7x28) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC ITC
CMG AWM 2464 SUN RES




Similar Part No. - 1061A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1061A ETC2-1061A Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
More results


Similar Description - 1061A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1082A BELDEN-1082A Datasheet
161Kb / 2P
Inst, 50 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1472A BELDEN-1472A Datasheet
160Kb / 2P
Inst, 36 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1484A BELDEN-1484A Datasheet
166Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1499A BELDEN-1499A Datasheet
160Kb / 2P
Inst, 36 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1058A BELDEN-1058A Datasheet
203Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1060A BELDEN-1060A Datasheet
203Kb / 2P
Inst, 24 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1081A BELDEN-1081A Datasheet
163Kb / 2P
Inst, 36 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1481A BELDEN-1481A Datasheet
161Kb / 2P
Inst, 36 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com