Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3044A Datasheet (PDF) - Belden Inc.

3044A Datasheet PDF - Belden Inc.
Part # 3044A
Download  3044A Download
File Size   148.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

3044A Datasheet (PDF)

Go To PDF Page Download Datasheet
3044A Datasheet PDF - Belden Inc.

Part # 3044A
Download  3044A Click to download

File Size   148.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

3044A Datasheet (HTML) - Belden Inc.


3044A Product details

Product Description
UL Instrumentation, 2 Triad 16+22AWG (7x24+7x30) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC
ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 3044A

ManufacturerPart #DatasheetDescription
logo
Heyco.
3044 HEYCO-3044 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Keystone Electronics Co...
3044 KEYSTONE-3044 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
PHOENIX CONTACT
3044076 PHOENIX-3044076 Datasheet
167Kb / 7P
UT 2,5
3044077 PHOENIX-3044077 Datasheet
477Kb / 24P
Feed-through terminal block - UT 2,5 BN
3044078 PHOENIX-3044078 Datasheet
89Kb / 6P
Feed-through terminal block - UT 2,5 VT
More results


Similar Description - 3044A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1092A BELDEN-1092A Datasheet
164Kb / 2P
Inst, 16 Tri #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1484A BELDEN-1484A Datasheet
166Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3046A BELDEN-3046A Datasheet
214Kb / 2P
Inst, 4 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3032A BELDEN-3032A Datasheet
213Kb / 2P
Inst, 8 Tri #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3052A BELDEN-3052A Datasheet
213Kb / 2P
Inst, 16 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3069A BELDEN-3069A Datasheet
166Kb / 2P
Inst, 12 Tri #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
1034A BELDEN-1034A Datasheet
154Kb / 2P
Inst, 1 Tri #16 Str BC, PVC Ins E1, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com