Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N120 Datasheet (PDF) - Unisonic Technologies

5N120 Datasheet PDF - Unisonic Technologies
Part # 5N120
Download  5N120 Download
File Size   451.43 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 1200V N-CHANNEL POWER MOSFET

5N120 Datasheet (PDF)

Go To PDF Page Download Datasheet
5N120 Datasheet PDF - Unisonic Technologies

Part # 5N120
Download  5N120 Click to download

File Size   451.43 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 1200V N-CHANNEL POWER MOSFET

5N120 Datasheet (HTML) - Unisonic Technologies


5N120 Product details

 DESCRIPTION
The UTC 5N120 provide excellent RDS(ON), low gate charge
and operation with low gate voltages. This device is suitable for
use as a load switch or in PWM applications.
 FEATURES0
* RDS(ON) ≤ 3.1Ω @ VGS=10V, ID=2.5A
* Low Reverse Transfer Capacitance
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 5N120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5N120BND INTERSIL-5N120BND Datasheet
89Kb / 7P
21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
5N120BND FAIRCHILD-5N120BND Datasheet
216Kb / 8P
21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
More results


Similar Description - 5N120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
5N50_1110 UTC-5N50_1110 Datasheet
201Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
5N65 UTC-5N65 Datasheet
253Kb / 6P
5A, 650V N-CHANNEL POWER MOSFET
5N80_1108 UTC-5N80_1108 Datasheet
178Kb / 5P
5A, 800V N-CHANNEL POWER MOSFET
5N50K UTC-5N50K Datasheet
215Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
5A, 600V N-CHANNEL POWER MOSFET
5N65K UTC-5N65K Datasheet
228Kb / 6P
5A, 650V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
5A, 150V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
600V,5A N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com