Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5330-1.8/1.6YML Datasheet (PDF) - Micrel Semiconductor

MIC5330-1.8/1.6YML Datasheet PDF - Micrel Semiconductor
Part # MIC5330-1.8/1.6YML
Download  MIC5330-1.8/1.6YML Download
File Size   284.64 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual, 300mA UCap LDO in 2mm x 2mm MLF

MIC5330-1.8/1.6YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5330-1.8/1.6YML Datasheet PDF - Micrel Semiconductor

Part # MIC5330-1.8/1.6YML
Download  MIC5330-1.8/1.6YML Click to download

File Size   284.64 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual, 300mA UCap LDO in 2mm x 2mm MLF

MIC5330-1.8/1.6YML Datasheet (HTML) - Micrel Semiconductor


MIC5330-1.8/1.6YML Product details

General Description
The MIC5330 is a tiny Dual Ultra Low Dropout (ULDO™) linear regulator ideally suited for portable electronics due to its high power supply ripple rejection (PSRR) and ultra low output noise. The MIC5330 integrates two high performance 300mA ULDOs into a tiny 2mm x 2mm leadless MLF® package, which provides exceptional thermal package characteristics.

Features
• 2.3V to 5.5V input voltage range
• Ultra low dropout voltage ULDO™ 75mV @ 300mA
• High PSRR - >70dB @ 1KHz
• Ultra-low output noise: 30µVRMS
• ±2% initial output accuracy
• Tiny 8-pin 2mm x 2mm MLF® leadless package
• Excellent Load/Line transient response
• Fast start up time: 30µs
• 300mA output current per LDO
• Thermal shutdown protection
• Low quiescent current: 75µA per output
• Current limit protection

Applications
• Mobile phones
• PDAs
• GPS receivers
• Portable electronics
• Portable media players
• Digital still and video cameras




Similar Part No. - MIC5330-1.8/1.6YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results


Similar Description - MIC5330-1.8/1.6YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
Dual UCap LDO in 3mm 횞 3mm MLF?
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
logo
Maxim Integrated Produc...
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com