Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF510 Datasheet (PDF) - Harris Corporation

IRF510 Datasheet PDF - Harris Corporation
Part # IRF510
Download  IRF510 Download
File Size   71.57 Kbytes
Page   7 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs

IRF510 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF510 Datasheet PDF - Harris Corporation

Part # IRF510
Download  IRF510 Click to download

File Size   71.57 Kbytes
Page   7 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs

IRF510 Datasheet (HTML) - Harris Corporation


IRF510 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching conver tors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 4.9A, and 5.6A, 80V and 100V
• rDS(ON) = 0.54Ω and 0.74Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRF510

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
IRF510 SUTEX-IRF510 Datasheet
70Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs
logo
Fairchild Semiconductor
IRF510 FAIRCHILD-IRF510 Datasheet
151Kb / 5P
N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Intersil Corporation
IRF510 INTERSIL-IRF510 Datasheet
70Kb / 7P
5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
November 1999
logo
International Rectifier
IRF510 IRF-IRF510 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
logo
Vishay Siliconix
IRF510 VISHAY-IRF510 Datasheet
1Mb / 8P
Power MOSFET
30-Jun-08
More results


Similar Description - IRF510

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
September 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
IRFD121 HARRIS-IRFD121 Datasheet
360Kb / 6P
1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com