Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7490A Datasheet (PDF) - List of Unclassifed Manufacturers

7490A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7490A
Download  7490A Download
File Size   306.59 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description The ’90 is a 4-stage ripple counter containing a high speed flip-flop acting as a divide-by-two and three flip-flops connected as a divideby- five counter.

7490A Datasheet (PDF)

Go To PDF Page Download Datasheet
7490A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7490A
Download  7490A Click to download

File Size   306.59 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description The ’90 is a 4-stage ripple counter containing a high speed flip-flop acting as a divide-by-two and three flip-flops connected as a divideby- five counter.

7490A Datasheet (HTML) - List of Unclassifed Manufacturers


7490A Product details

DESCRIPTION — The ’90 is a 4-stage ripple counter containing a high speed
flip-flop acting as a divide-by-two and three flip-flops connected as a divideby-
five counter. It can be connected to operate with a conventional BCD output
pattern or it can be connected to provide a 50% duty cycle output. In the
BCD mode, HIGH signals on the Master Set (MS) inputs set the outputs to
BCD nine. HIGH signals on the Master Reset (MR) inputs force all outputs
LOW. For a similar counter with corner power pins, see the ’LS290; for dual
versions, see the ’LS390 and ’LS490.




Similar Part No. - 7490A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7490 ETC-7490 Datasheet
410Kb / 1P
Package Contains a Divide-by-Two and a Divide-by-Five Counter
7490 ETC-7490 Datasheet
410Kb / 1P
Package Contains a Divide-by-Two and a Divide-by-Five Counter
logo
Fairchild Semiconductor
7490 FAIRCHILD-7490 Datasheet
47Kb / 5P
Decade and Binary Counters
logo
National Semiconductor ...
7490 NSC-7490 Datasheet
133Kb / 10P
Decade and Binary Counters
logo
List of Unclassifed Man...
74901 ETC2-74901 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
More results


Similar Description - 7490A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14024B MOTOROLA-MC14024B Datasheet
210Kb / 7P
7-Stage Ripple Counter
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
MC14024B ONSEMI-MC14024B Datasheet
183Kb / 8P
7-Stage Ripple Counter
March, 2000 ??Rev. 3
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
NXP Semiconductors
HEF4022B PHILIPS-HEF4022B Datasheet
91Kb / 8P
4-stage divide-by-8 Johnson counter
January 1995
logo
List of Unclassifed Man...
7490 ETC-7490 Datasheet
410Kb / 1P
Package Contains a Divide-by-Two and a Divide-by-Five Counter
7490 ETC-7490 Datasheet
410Kb / 1P
Package Contains a Divide-by-Two and a Divide-by-Five Counter
logo
Texas Instruments
74LS92 TI-74LS92 Datasheet
278Kb / 3P
DIVIDE-BY-TWELVE COUNTER
logo
ON Semiconductor
MC14024B ONSEMI-MC14024B_14 Datasheet
104Kb / 7P
7-Stage Ripple Counter
August, 2014 ??Rev. 10
logo
National Semiconductor ...
7492A NSC-7492A Datasheet
256Kb / 3P
DIVIDE-BY-TWELVE COUNTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com