Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K24C04 Datasheet (PDF) - List of Unclassifed Manufacturers

K24C04 Datasheet PDF - List of Unclassifed Manufacturers
Part # K24C04
Download  K24C04 Download
File Size   1301.31 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Two-wire Serial EEPROM

K24C04 Datasheet (PDF)

Go To PDF Page Download Datasheet
K24C04 Datasheet PDF - List of Unclassifed Manufacturers

Part # K24C04
Download  K24C04 Click to download

File Size   1301.31 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Two-wire Serial EEPROM

K24C04 Datasheet (HTML) - List of Unclassifed Manufacturers


K24C04 Product details

Features
?Wide Voltage Operation
- VCC = 1.8V to 5.5V
?Operating Ambient Temperature: -40• C to +85•
C
?Internally Organized:
- K24C02C, 256 X 8 (2K bits)
- K24C04, 512 X 8 (4K bits)
- K24C08C, 1024 X 8 (8K bits)
- K24C16B, 2048 X 8 (16K bits)
?Two-wire Serial Interface
?Schmitt Trigger, Filtered Inputs for Noise Suppression
?Bidirectional Data Transfer Protocol
?1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility
?Write Protect Pin for Hardware Data Protection
?8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes
?Partial Page Writes Allowed
?Self-timed Write Cycle (5 ms max)
?High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
?8-lead PDIP/SOP/MSOP/TSSOP, 8-pad DFN, and SOT23-5packages




Similar Part No. - K24C04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C04 ETC1-K24C04 Datasheet
1Mb / 20P
Two-wire Serial EEPROM
logo
Estek Electronics Co. L...
K24C040-DCR-A ESTEK-K24C040-DCR-A Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C040-DCR-S ESTEK-K24C040-DCR-S Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C040-DCRG-A ESTEK-K24C040-DCRG-A Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C040-DCRG-S ESTEK-K24C040-DCRG-S Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
More results


Similar Description - K24C04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com