Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D7377 Datasheet (PDF) - List of Unclassifed Manufacturers

D7377 Datasheet PDF - List of Unclassifed Manufacturers
Part # D7377
Download  D7377 Download
File Size   486.29 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2×30W Dual/Quad Power Amplifier for Car Radio D7377

D7377 Datasheet (PDF)

Go To PDF Page Download Datasheet
D7377 Datasheet PDF - List of Unclassifed Manufacturers

Part # D7377
Download  D7377 Click to download

File Size   486.29 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2×30W Dual/Quad Power Amplifier for Car Radio D7377

D7377 Datasheet (HTML) - List of Unclassifed Manufacturers


D7377 Product details

DESCRIPTIONS:
The D7377 is a new technology class AB car
radio amplifier able to work either in DUAL
BRIDGE or QUAD SINGLE ENDED configuration.
The exclusive fully complementary structure of the
output stage and the internally fixed gain guarantees
the highest possible power performances with
extremely reduced component count. The on-board
clip detector simplifies gain compression operation. The fault diagnostics makes it
possible to detect mistakes during car radio set assembly and wiring in the car.

FEATURES
High output power capability:
2×35W max./4Ω 2×30W./4Ω EIAJ
2×30W./4Ω EIAJ
2×20W./4Ω @14.4V,1kHz,10%
4×6W./4Ω @14.4V,1kHz,10%
2×10W./2Ω @14.4V,1kHz,10%
Minimum external components count:
- No bootstrap capacitors
- No boutcherot cells
- Internally fixed gain (26dB BTL)
ST-BY function (CMOS compatible)
No audible pop during ST-BY
operations
Diagnostics facility for:
- Clipping
- Out to GND short
- Out to Vs short
- Soft short at turn-on
- Thermal shutdown proximity
Output AC/DC short circuit
- To GND
- - To Vs
- Across the load
Soft short at turn-on
Overrating chip temperature with soft
thermal limiter
Load dump voltage surge
Very inductive loads
Fortuitous open GND
Reversed battery
ESD




Similar Part No. - D7377

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D730 WXDH-D730 Datasheet
1Mb / 12P
6A 400V N-channel Enhancement Mode Power MOSFET
logo
List of Unclassifed Man...
D7312CP ETC1-D7312CP Datasheet
358Kb / 5P
DUAL CHANNEL PRE-AMP. WITH ALC
logo
Inchange Semiconductor ...
D733 ISC-D733 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
D734 SANYO-D734 Datasheet
88Kb / 3P
1W AF Output, Electronic Governor, DC-DC Converter Applications
logo
TOKO, Inc
D73C TOKO-D73C Datasheet
160Kb / 2P
FIXED INDUCTORS FOR SURFACE MOUNTING
More results


Similar Description - D7377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Mar-2005
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377_15 Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com