Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D8227 Datasheet (PDF) - List of Unclassifed Manufacturers

D8227 Datasheet PDF - List of Unclassifed Manufacturers
Part # D8227
Download  D8227 Download
File Size   248.3 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW FREQUENCY POWER AMPLIFIER

D8227 Datasheet (PDF)

Go To PDF Page Download Datasheet
D8227 Datasheet PDF - List of Unclassifed Manufacturers

Part # D8227
Download  D8227 Click to download

File Size   248.3 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW FREQUENCY POWER AMPLIFIER

D8227 Datasheet (HTML) - List of Unclassifed Manufacturers


D8227 Product details

GENERAL DESCRIPTION
D8227 is an audio power IC with built-in
two Channels developed for portable radio
cassette tape recorder with power ON/OFF
switch. Thermal shut down protection
circuit is built in. Because of the parts
reduction and DIP (Dual in line package),
space merit is remarkable.

FEATURES
High Power
Pout=2.5W/CH(Typ.) :(Vcc=9V,RL=4Ω,f=1kHz,THD=10%)
Pout=3.0W/CH(Typ.) :(Vcc=9V,RL=3Ω,f=1kHz,THD=10%)
Voltage Gain: Gv=45dB(Typ.)( Rf=120Ω ,f=1kHz)
Gv=56.5dB(Typ.)( Rf=0Ω ,f=1kHz
Low popping noise at power ON
Small Quiescent Current : ICCQ=21mA(Typ.) (Vcc=9V Vin=0)
Ripple Rejection Ratio : R.R.=-52dB(Typ.)(Vcc=9V, fripple=100Hz, Rg=600Ω )
Cross Talk : C.T.= -50dB(Typ.)(Vcc=9V, f=1kHz, Rg=600Ω )
Output Noise Voltage : Vno=0.3mVrms(Typ.)(Vcc=9V , Rg=10k Ω ,
BW=20Hz~20kHz)
Stand-By Switch
Soft Clip
Built-in thermal shut down protection circuit
Best for supply voltage 9V
Operation supply voltage range : Vcc=5~12V




Similar Part No. - D8227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D8224 ETC2-D8224 Datasheet
75Kb / 1P
CLOCK GENERATOR AND DRIVER FOR 8080A COMPATIBLE MICROPROCESSORS
D8226 ETC1-D8226 Datasheet
287Kb / 5P
Four-Bit Parallel Bidirectional Bus Driver
logo
Advanced Micro Devices
D8228 AMD-D8228 Datasheet
73Kb / 1P
System Controller and Bus Driver for 8080A Compatible Microprocessors
logo
Intel Corporation
D82284 INTEL-D82284 Datasheet
601Kb / 12P
Clock Driver and Ready Interface for iAPX 286 Processors PRELMINARY
D82284-10 INTEL-D82284-10 Datasheet
601Kb / 12P
Clock Driver and Ready Interface for iAPX 286 Processors PRELMINARY
More results


Similar Description - D8227

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
Low frequency power amplifier
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8229 UTC-TA8229 Datasheet
180Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1182 FAIRCHILD-KSA1182 Datasheet
58Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
UA8229 UTC-UA8229_10 Datasheet
269Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com