Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD3182SD Datasheet (PDF) - ON Semiconductor

FOD3182SD Datasheet PDF - ON Semiconductor
Part # FOD3182SD
Download  FOD3182SD Download
File Size   452.5 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 A Output Current, High Speed MOSFET Gate Driver Optocoupler

FOD3182SD Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD3182SD Datasheet PDF - ON Semiconductor

Part # FOD3182SD
Download  FOD3182SD Click to download

File Size   452.5 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 A Output Current, High Speed MOSFET Gate Driver Optocoupler

FOD3182SD Datasheet (HTML) - ON Semiconductor


FOD3182SD Product details

Description
The FOD3182 is a 3 A Output Current, High Speed MOSFET Gate
Drive Optocoupler. It consists of a aluminium gallium arsenide
(AlGaAs) light emitting diode optically coupled to a CMOS detector
with PMOS and NMOS output power transistors integrated circuit
power stage. It is ideally suited for high frequency driving of power
MOSFETS used in Plasma Display Panels (PDPs), motor control
inverter applications and high performance DC/DC converters.
The device is packaged in an 8−pin dual in−line housing compatible
with 260°C reflow processes for lead free solder compliance.

Features
• High Noise Immunity Characterized by 50 kV/s (Typ.) Common
Mode Rejection @ VCM = 2,000 V
• Guaranteed Operating Temperature Range of −40°C to +100°C
• 3 A Peak Output Current
• Fast Switching Speed
♦ 210 ns Max. Propagation Delay
♦ 65 ns Max. Pulse Width Distortion
• Fast Output Rise/Fall Time
• Offers Lower Dynamic Power Dissipation
• 250 kHz Maximum Switching Speed
• Wide VDD Operating Range: 10 V to 30 V
• Use of P−Channel MOSFETs at Output Stage Enables Output
Voltage Swing Close to the Supply Rail (Rail−to−Rail Output)
• 5000 Vrms, 1 Minute Isolation
• Under Voltage Lockout Protection (UVLO) with Hysteresis –
Optimized for Driving MOSFETs
• Minimum Creepage Distance of 8.0 mm
• Minimum Clearance Distance of 10 mm to 16 mm (Option TV or
TSV)
• Minimum Insulation Thickness of 0.5 mm
• UL and VDE*
• 1,414 Peak Working Insulation Voltage (VIORM)
*Requires “V” Ordering Option

Applications
• Plasma Display Panel
• High Performance DC/DC Convertor
• High Performance Switch Mode Power Supply
• High Performance Uninterruptible Power Supply
• Isolated Power MOSFET Gate Drive




Similar Part No. - FOD3182SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3182SD FAIRCHILD-FOD3182SD Datasheet
654Kb / 23P
3A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182SDV FAIRCHILD-FOD3182SDV Datasheet
654Kb / 23P
3A Output Current, High Speed MOSFET Gate Driver Optocoupler
More results


Similar Description - FOD3182SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Rev 1.0.4
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com