Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCID9301 Datasheet (PDF) - ON Semiconductor

NCID9301 Datasheet PDF - ON Semiconductor
Part # NCID9301
Download  NCID9301 Download
File Size   286.95 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed 3-Channel Digital Isolator

NCID9301 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCID9301 Datasheet PDF - ON Semiconductor

Part # NCID9301
Download  NCID9301 Click to download

File Size   286.95 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed 3-Channel Digital Isolator

NCID9301 Datasheet (HTML) - ON Semiconductor


NCID9301 Product details

Description
The NCID9301 and NCID9311 are galvanically isolated
high−speed 3−channel digital isolator with output enable. This device
supports isolated communications thereby allowing digital signals to
communicate between systems without conducting ground loops or
hazardous voltages.
It utilizes onsemi’s patented galvanic off−chip capacitor isolation
technology and optimized IC design to achieve high insulation and
high noise immunity, characterized by high common mode rejection
and power supply rejection specifications. The thick ceramic substrate
yields capacitors with ~25 times the thickness of thin film on−chip
capacitors and coreless transformers. The result is a combination of
the electrical performance benefits that digital isolators offer with the
safety reliability of a >0.5 mm insulator barrier similar to what has
historically been offered by optocouplers.
The device is housed in a 16−pin wide body small outline package.

Features
• Off−Chip Capacitive Isolation to Achieve Reliable High Voltage
Insulation
♦ DTI (Distance Through Insulation): ≥ 0.5 mm
♦ Maximum Working Insulation Voltage: 2000 Vpeak
• Bi−directional Communication
• 100 kV/s Minimum Common Mode Rejection
• 8 mm Creepage and Clearance Distance to Achieve Reliable High
Voltage Insulation
• Specifications Guaranteed Over 2.5 V to 5.5 V Supply Voltage
and −40°C to 125°C Extended Temperature Range
• Over Temperature Detection
• Output Enable Function (Primary and Secondary side)
• NCIV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable (Pending)
• Safety and Regulatory Approvals
♦ UL1577, 5000 VRMS for 1 Minute
♦ DIN EN/IEC 60747−17 (Pending)

Typical Applications
• Isolated PWM Control
• Industrial Fieldbus Communications
• Microprocessor System Interface (SPI, I2C, etc.)
• Programmable Logic Control
• Isolated Data Acquisition System
• Voltage Level Translator




Similar Part No. - NCID9301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
NCID9200R2 ONSEMI-NCID9200R2 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
NCID9210 ONSEMI-NCID9210 Datasheet
417Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
September, 2021 - Rev. 1
NCID9210R2 ONSEMI-NCID9210R2 Datasheet
417Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
September, 2021 - Rev. 1
NCID9211 ONSEMI-NCID9211 Datasheet
301Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
March, 2020 ??Rev. 0
More results


Similar Description - NCID9301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator
logo
Texas Instruments
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
ON Semiconductor
NCID9211 ONSEMI-NCID9211 Datasheet
301Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
March, 2020 ??Rev. 0
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
NCID9210 ONSEMI-NCID9210 Datasheet
417Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
September, 2021 - Rev. 1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com