Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1551558 Datasheet (PDF) - PHOENIX CONTACT

1551558 Datasheet PDF - PHOENIX CONTACT
Part # 1551558
Download  1551558 Download
File Size   524.11 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-MSD-4CON-M16/0,5 SCO - Device connector front mounting

1551558 Datasheet (PDF)

Go To PDF Page Download Datasheet
1551558 Datasheet PDF - PHOENIX CONTACT

Part # 1551558
Download  1551558 Click to download

File Size   524.11 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-MSD-4CON-M16/0,5 SCO - Device connector front mounting

1551558 Datasheet (HTML) - PHOENIX CONTACT


1551558 Product details

Device connector front mounting, PROFINET CAT5 (IEC 11801:2002), 4-position, Flush-type
male connector, straight, M12-SPEEDCON, coding: D , on free cable end, Front mounting, M16
x 1.5, Individual wires, cable length: 0.5 m, 0.34 mm2, TPE litz wire

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1551558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551516 PHOENIX-1551516 Datasheet
198Kb / 5P
SACC-DSI-MSD-4CON-L180 SCO
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1551532 PHOENIX-1551532 Datasheet
284Kb / 9P
SACC-DSI-MSD-4CON-PG9/0,5 SCO - Device connector, rear mounting
logo
TE Connectivity Ltd
1551572-4 TEC-1551572-4 Datasheet
304Kb / 8P
Shield Finger Scalable Height From 1.24mm to 3.4mm
logo
Tyco Electronics
1551572-5 MACOM-1551572-5 Datasheet
135Kb / 2P
SPRING FINGER H=1,8
More results


Similar Description - 1551558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424137 PHOENIX-1424137 Datasheet
515Kb / 12P
SACC-E-M12FSS-4CON-M16/0,5 PE - Device connector front mounting
1424138 PHOENIX-1424138 Datasheet
367Kb / 11P
SACC-E-M12FST-4CON-M16/0,5 - Device connector front mounting
1424139 PHOENIX-1424139 Datasheet
539Kb / 12P
SACC-E-M12MSS-4CON-M16/0,5 PE - Device connector front mounting
1424140 PHOENIX-1424140 Datasheet
361Kb / 10P
SACC-E-M12MST-4CON-M16/0,5 - Device connector front mounting
1523434 PHOENIX-1523434 Datasheet
543Kb / 15P
SACC-E-FS-4CON-M16/0,5 SCO - Device connector front mounting
1523450 PHOENIX-1523450 Datasheet
545Kb / 14P
SACC-E-MS-4CON-M16/0,5 SCO - Device connector front mounting
1535202 PHOENIX-1535202 Datasheet
538Kb / 16P
SACC-E-FSD-4CON-M16/0,5 SCO - Device connector front mounting
1535215 PHOENIX-1535215 Datasheet
516Kb / 13P
SACC-EC-FSD-4CON-M16/0,5 SCO - Device connector front mounting
1523463 PHOENIX-1523463 Datasheet
545Kb / 13P
SACC-EC-MS-4CON-M16/0,5 SCO - Device connector front mounting
1108117 PHOENIX-1108117 Datasheet
557Kb / 12P
SACC-E-MS-4CON-M16/0,5 PP - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com