Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL4110LRLX Datasheet (PDF) - ON Semiconductor

FSL4110LRLX Datasheet PDF - ON Semiconductor
Part # FSL4110LRLX
Download  FSL4110LRLX Download
File Size   394.77 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1000 V SenseFET Integrated Power Switch

FSL4110LRLX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL4110LRLX Datasheet PDF - ON Semiconductor

Part # FSL4110LRLX
Download  FSL4110LRLX Click to download

File Size   394.77 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1000 V SenseFET Integrated Power Switch

FSL4110LRLX Datasheet (HTML) - ON Semiconductor


FSL4110LRLX Product details

Features
• Built−in Avalanche Rugged 1000 V SenseFET
• Precise Fixed Operating Frequency: 50 kHz
• VCC can be Supplied from either Bias−winding or Self−biasing
• Soft Burst−Mode Operation Minimizing Audible Noise
• Random Frequency Fluctuation for Low EMI
• Pulse−by−Pulse Current Limit
• Various Protection Functions: Overload Protection (OLP),
Over−Voltage Protection (OVP), Abnormal Over−Current Protection
(AOCP), Internal Thermal Shutdown (TSD) with Hysteresis.
Under−Voltage Lockout (UVLO) and Line Over−Voltage Protection
(LOVP) with Hysteresis.
• Built−in Internal Startup and Soft−Start Circuit
• Fixed 1.6 s Restart Time for Safe Auto−Restart Mode of All
Protections
• These are Pb−Free Devices

Applications
• SMPS for Electric Metering
• Auxiliary Power Supply for 3−Phase Input Industrial Systems




Similar Part No. - FSL4110LRLX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D1 INTERSIL-FSL430D1 Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D3 INTERSIL-FSL430D3 Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430R INTERSIL-FSL430R Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430R1 INTERSIL-FSL430R1 Datasheet
46Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Similar Description - FSL4110LRLX

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
Integrated Circuit Switch Mode Power Supply Controller
logo
Fairchild Semiconductor
KA5L0380R FAIRCHILD-KA5L0380R Datasheet
268Kb / 14P
SPS consist of high voltage power SenseFET and current mode PWM IC
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Renesas Technology Corp
UPD5902T7K RENESAS-UPD5902T7K Datasheet
170Kb / 14P
CMOS Integrated Circuits High Power SPDT Switch
logo
STMicroelectronics
STCC2540 STMICROELECTRONICS-STCC2540 Datasheet
951Kb / 32P
USB charging controller with integrated power switch
25-Feb-2014
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMA080152 CREE-PTMA080152 Datasheet
814Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
logo
ON Semiconductor
FSL518H ONSEMI-FSL518H Datasheet
1Mb / 27P
High Performance Switcher Integrated with HV Startup and SENSEFET
July, 2019 ??Rev. 2
logo
PHOENIX CONTACT
1102079 PHOENIX-1102079 Datasheet
458Kb / 16P
Industrial Ethernet Switch - FL SWITCH 1000-8POEGT
Dec 2, 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com