Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX8212 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX8212 Datasheet PDF - Texas Instruments
Part # TMUX8212
Download  TMUX8212 Download
File Size   2086.76 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic

TMUX8212 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX8212 Datasheet PDF - Texas Instruments

Part # TMUX8212
Download  TMUX8212 Click to download

File Size   2086.76 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic

TMUX8212 Datasheet (HTML) - Texas Instruments


TMUX8212 Product details

1 Features
• High supply voltage capable:
– Dual supply: ±10 V to ±50 V
– Single supply: 10 V to 100 V
– Asymmetric dual supply operation
• Consistent parametric across supply voltages
• Latch-up immune
• High continuous current: 200 mA
• Low crosstalk: –110 dB
• Low input leakage: 10 pA
• Low On-Resistance flatness: 0.05 Ω
• Low On-Resistance: 5 Ω
• Low capacitance: 12 pF
• Removes need for additional logic rail (VL)
• 1.8-V Logic capable
• Fail-safe logic: up to 48 V independent of supply
• Integrated Pull-Down resistor on logic pins
• Bidirectional signal path
• Wide operating temperature TA: –40°C to 125°C
• Industry-standard TSSOP and
smaller WQFN packages

2 Applications
• High voltage bidirectional switching
• Analog and digital signal switching
• Semiconductor test equipment
• LCD test equipment
• Battery test equipment
• Data acquisition systems (DAQ)
• Digital multi-meter (DMM)
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules

3 Description
The TMUX8211, TMUX8212, and TMUX8213 are
modern high voltage capable analog switches
with Latch-Up immunity. Each device has four
independently controllable 1:1, single-pole singlethrow
(SPST) switch channels. The devices work well
with dual supplies, a single supply, or asymmetric
supplies up to a maximum supply voltage of 100 V.
The TMUX821x devices provide consistent analog
parametric performance across the entire supply
voltage range. The TMUX821x family supports
bidirectional analog and digital signals on the source
(Sx) and drain (Dx) pins.
All logic inputs support logic levels of 1.8 V, 3.3 V, and
5 V and can be connected as high as 48 V, allowing
for system flexibility with control signal voltage. Failsafe
logic circuitry allows voltages on the logic pins to
be applied before the supply pin, protecting the device
from potential damage.
The device family provides Latch-Up immunity,
preventing undesirable high current events between
parasitic structures within the device. A Latch-Up
condition typically continues until the power supply
rails are turned off and can lead to device failure.
The Latch-Up immunity feature allows this family of
multiplexers to be used in harsh environments.




Similar Part No. - TMUX8212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX8212 TI2-TMUX8212 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
More results


Similar Description - TMUX8212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX8211 TI-TMUX8211 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com