Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS35 Datasheet (PDF) - Texas Instruments

TPS35 Datasheet PDF - Texas Instruments
Part # TPS35_V01
Download  TPS35 Download
File Size   2079.13 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer

TPS35 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS35 Datasheet PDF - Texas Instruments

Part # TPS35_V01
Download  TPS35 Click to download

File Size   2079.13 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer

TPS35 Datasheet (HTML) - Texas Instruments


TPS35 Product details

1 Features
• Factory programmed or user-programmable
watchdog timeout
– ±10% Accurate timer (maximum)
– Factory programmed: 1 msec to 100 sec
• Factory programmed or user-programmable reset
delay
– ±10% Accurate timer (maximum)
– Factory programmed option: 2 msec to 10 sec
• Input voltage range: VDD = 1.04 V to 6.0 V
• Fixed threshold voltage (VIT-): 1.05 V to 5.4 V
– Threshold voltage available in 50 mV steps
– 1.2% Voltage threshold accuracy (maximum)
– Built-in hysteresis (VHYS): 5% (typical)
• Ultra low supply current: IDD = 250 nA (typical)
• Open-drain, push-pull; active-low outputs
• Various programmability options:
– Watchdog enable-disable
– Watchdog startup delay: no delay to 10 sec
– On the fly timer extension: 1X to 256X
– Latched output option
• MR functionality support

2 Applications
• Robot servo drive
• Mixed module (AI, AO, DI, DO)
• HVAC controller
• Electricity meter
• Infusion pump
• Surgical equipment

3 Description
The TPS35 is an ultra-low power consumption
(250 nA typical) device offering a precision voltage
supervisor with a programmable timeout watchdog
timer. The TPS35 supports wide threshold levels for
undervoltage supervision with 1.2% accuracy across
the specified temperature range.
The TPS35 offers a high accuracy timeout watchdog
timer with a host of features for a wide variety of
applications. The timeout watchdog timer can be
factory programmed or user programmed using an
external capacitor. The timer value can be changed
on-the-fly using a combination of logic pins. The
watchdog also offers unique features such as enabledisable,
start-up delay, independent WDO pin option.
The RESET or WDO delay can be set by factoryprogrammed
default delay settings or programmed by
an external capacitor. The device also offers a latched
output operation where the output is latched until the
supervisor or watchdog fault is cleared.
The TPS35 provides a performance upgrade
alternative to TPS3851 device family. The TPS35 is
available in a small 6-pin WSON and 8-pin SOT-23
package.




Similar Part No. - TPS35_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS35 TI1-TPS35_V02 Datasheet
1Mb / 44P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
TPS35 TI1-TPS35_V03 Datasheet
1Mb / 43P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
TPS35 TI-TPS35_V04 Datasheet
1Mb / 43P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
More results


Similar Description - TPS35_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1 Datasheet
1Mb / 31P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3435 TI-TPS3435_V01 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1_V01 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35-Q1 TI1-TPS35-Q1_V02 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3435-Q1 TI1-TPS3435-Q1_V01 Datasheet
1Mb / 36P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com