Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVS3V3D1BAL Datasheet (PDF) - Nexperia B.V. All rights reserved

PTVS3V3D1BAL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PTVS3V3D1BAL
Download  PTVS3V3D1BAL Download
File Size   230.06 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra compact Transient Voltage Supressor

PTVS3V3D1BAL Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVS3V3D1BAL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PTVS3V3D1BAL
Download  PTVS3V3D1BAL Click to download

File Size   230.06 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra compact Transient Voltage Supressor

PTVS3V3D1BAL Datasheet (HTML) - Nexperia B.V. All rights reserved


PTVS3V3D1BAL Product details

1. General description
Transient voltage supressor in a DFN1006-2 (SOD882) ultra small and leadless Surface-Mounted
Device (SMD) package designed to protect one line against high surge currents and other
transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Very high surge robustness; IPP = 38.3 A for 8/20 μs pulse (average measured)
• Very low clamping voltage: VCL= 10.3 V typ. for 34 A, 8/20 μs pulse
• ESD protection up to 30 kV
• Very low dynamical resistance Rdyn = 0.1 Ω (TLP)
• AEC-Q101 qualified
3. Applications
Surge protection for:
• supply and battery lines
• audio interfaces
in portable communication, consumer and computing devices.




Similar Part No. - PTVS3V3D1BAL

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PTVS3V3D1BALYL-TP TECHPUBLIC-PTVS3V3D1BALYL-TP Datasheet
699Kb / 4P
1-Line Bi-directional TVS Diode
More results


Similar Description - PTVS3V3D1BAL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6KA24 COMCHIP-6KA24 Datasheet
67Kb / 2P
Automotive Transient Voltage Supressor
logo
StarHope
20KPA SPSEMI-20KPA Datasheet
616Kb / 3P
CLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPRESSOR STAND-OFF VOLTAGE-20 TO 300 Volts
logo
SiPower Inc.
400WP4KE SIPOWER-400WP4KE Datasheet
955Kb / 4P
Transisient Voltage Supressor
logo
Nexperia B.V. All right...
PTVS4V5D1BL NEXPERIA-PTVS4V5D1BL Datasheet
232Kb / 12P
Ultra compact Transient Voltage Supressor
PTVS5V5D1BL NEXPERIA-PTVS5V5D1BL Datasheet
272Kb / 12P
Ultra compact transient voltage supressor
23 March 2018
PTVS20VD1UL NEXPERIA-PTVS20VD1UL Datasheet
356Kb / 10P
Ultra compact Transient Voltage Suppressor
16 August 2023
PTVS3V3Z1BSC NEXPERIA-PTVS3V3Z1BSC Datasheet
237Kb / 11P
Ultra compact transient voltage suppressor
6 February 2019
PTVS4V5D1BL-Q NEXPERIA-PTVS4V5D1BL-Q Datasheet
250Kb / 12P
Ultra compact Transient Voltage Supressor
5 June 2023
PTVS5V0Z1BSC NEXPERIA-PTVS5V0Z1BSC Datasheet
237Kb / 11P
Ultra compact transient voltage suppressor
6 February 2019
PTVS5V5D1BL-Q NEXPERIA-PTVS5V5D1BL-Q Datasheet
289Kb / 12P
Ultra compact transient voltage supressor
5 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com