Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD05C Datasheet (PDF) - Texas Instruments

TSD05C Datasheet PDF - Texas Instruments
Part # TSD05C
Download  TSD05C Download
File Size   878.48 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package

TSD05C Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD05C Datasheet PDF - Texas Instruments

Part # TSD05C
Download  TSD05C Click to download

File Size   878.48 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package

TSD05C Datasheet (HTML) - Texas Instruments


TSD05C Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30 kV contact discharge
– ±30 kV air gap discharge
• IEC 61000-4-5 surge protection:
– 30 A (8/20 μs)
– Low clamping voltage: 14 V at 30 A (8/20 μs)
• Low IO capacitance:
– 4 pF (typical)
• DC breakdown voltage: ±8 V (typical)
• Ultra low leakage current: 50 nA (maximum)
• Low ESD clamping voltage: 9.3 V at 16 A TLP
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.5 mm × 1.2 mm)

2 Applications
• 5-V power rails
• USB VBUS
• GPIO
• Push buttons
• Grid infrastructure
• EPOS
• Portable electronics

3 Description
The TSD05C is a bidirectional TVS protection diode
designed for clamping harmful transients such as
ESD and surge. The TSD05C is rated to dissipate
ESD strikes up to ±30 kV (contact and air gap
discharge) and also meets the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4). For surges, the device can clamp 8/20
μs surges with peak pulse currents up to 30 A in
accordance with the IEC 61000-4-5 standard.
This device also features a 4 pF (typical) IO
capacitance enabling it to protect high-speed data
lines. The low dynamic resistance and low clamping
voltage provides system level protection against
transient events.
Combining the robust clamping performance and low
capacitance of this device, TSD05C is an excellent
TVS diode to protect both data lines and power lines
in many different applications.
The TSD05C is offered in the industry standard,
leaded SOD-323 package to enable easy
solderability.




Similar Part No. - TSD05C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05C TI1-TSD05C Datasheet
675Kb / 12P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED JULY 2024
TSD05C TI-TSD05C Datasheet
952Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
OCTOBER 2024
TSD05C TI2-TSD05C Datasheet
921Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED OCTOBER 2024
TSD05CDYFR TI1-TSD05CDYFR Datasheet
675Kb / 12P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED JULY 2024
More results


Similar Description - TSD05C

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BAV19WS FOSHAN-BAV19WS Datasheet
1Mb / 6P
Silicon Diode in a SOD-323 Plastic Package
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
Zener Diode in a SOD-323 Plastic Package.
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
Zener Diode in a SOD-323 Plastic Package.
logo
Nanjing International G...
TESD03EB DGNJDZ-TESD03EB Datasheet
957Kb / 3P
SOD-523 Bidirectional TVS Diode
TESD05EB DGNJDZ-TESD05EB Datasheet
958Kb / 3P
SOD-523 Bidirectional TVS Diode
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com