Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM24CA Datasheet (PDF) - Texas Instruments

TSM24CA Datasheet PDF - Texas Instruments
Part # TSM24CA
Download  TSM24CA Download
File Size   1063.86 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TSM24CA ±24 V Low Capacitance Surge Diode for Industrial Networks in SOT-23 Package

TSM24CA Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM24CA Datasheet PDF - Texas Instruments

Part # TSM24CA
Download  TSM24CA Click to download

File Size   1063.86 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TSM24CA ±24 V Low Capacitance Surge Diode for Industrial Networks in SOT-23 Package

TSM24CA Datasheet (HTML) - Texas Instruments


TSM24CA Product details

1 Features
• Protection against 1 kV, 42 Ω IEC 61000-4-5
surges for automotive signal lines
• Robust surge protection:
– IEC 61000-4-5 (8/20 μs): 30 A
• Low I/O Capacitance: 14 pF (typical)
• Bidirectional polarity to support positive and
negative voltage swings and miswiring conditions
• Low clamping voltage of 35 V at 24 A for 8/20 μs
surge current protects downstream components
• ± 24 V working voltage for protecting signals on
12-V systems
• Low leakage current of 100 nA (max)
• Integrated level 4 IEC 61000-4-2 ESD protection
– 30-kV ESD protection (IEC 61000-4-2)
• Small SOT-23 leaded package to minimize board
space and allow for automatic optical inspection
(AOI)

2 Applications
• Automotive hybrid, electric and power train
systems
• HEV/EV on-board charger
• EV battery charging communication
– CHAdeMO
– CCS
– GB/T
• Automotive in-vehicle networks
– Controller area network (CAN)
– Local interconnect network (LIN)
• 24-V power lines or digital input or output lines

3 Description
The TSM24CA is low capacitance TVS diode and
is part of TI's surge protection device family. The
TSM24CA robustly shunts up to 30 A of IEC
61000-4-5 (8/20 μs) fault current to protect systems
from high power transients or lightning strikes. The
device offers a solution to the common industrial
signal line EMC requirement to survive up to 1 kV
IEC 61000-4-5 open circuit voltage coupled through
a 42 Ω impedance, clamping that surge at 35 V
(I PP = 24 A). The TSM24CA also has a very low
line capacitance of 14 pF which allows it to protect
common automotive communication networks like
CAN from surges in EV charging applications.
Additionally, the TSM24CA is available in a small
leaded SOT-23 (DBZ) package which is reduced in
size by approximately 50 percent compared to the
industry standard SMA package. The extremely low
device leakage and capacitance provides a minimal
effect on the protected line.




Similar Part No. - TSM24CA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM24CA-Q1 TI-TSM24CA-Q1 Datasheet
848Kb / 14P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24CA-Q1 TI-TSM24CA-Q1 Datasheet
1Mb / 13P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
TSM24CA-Q1 TI-TSM24CA-Q1_V01 Datasheet
1Mb / 13P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
logo
TECH PUBLIC Electronics...
TSM24CADBZR TECHPUBLIC-TSM24CADBZR Datasheet
1Mb / 4P
Low Capacitance Surge Diode for Industrial Networks
logo
Texas Instruments
TSM24CADBZRQ1 TI-TSM24CADBZRQ1 Datasheet
1Mb / 13P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
More results


Similar Description - TSM24CA

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BAS19 FOSHAN-BAS19 Datasheet
620Kb / 6P
Silicon Diode in a SOT-23 Plastic Package
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
Silicon Diode in a SOT-23 Plastic Package
BZX84C7V5 FOSHAN-BZX84C7V5 Datasheet
676Kb / 7P
Zener Diode in a SOT-23 Plastic Package.
logo
Texas Instruments
TSM36A TI-TSM36A Datasheet
956Kb / 17P
TSM36A Surge Protection Device in SOT-23 Package
JUNE 2022
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM24A-Q1 TI-TSM24A-Q1 Datasheet
1,008Kb / 17P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24CA-Q1 TI-TSM24CA-Q1 Datasheet
848Kb / 14P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24A TI1-TSM24A Datasheet
1Mb / 14P
TSM24A 24-V Unidirectional Surge Diode for Industrial Networks in SOT-23 Package
AUGUST 2023
TSM24A-Q1 TI-TSM24A-Q1_V01 Datasheet
878Kb / 12P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
TSM24CA-Q1 TI-TSM24CA-Q1_V01 Datasheet
1Mb / 13P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com