Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXP400-100QS Datasheet (PDF) - Nexperia B.V. All rights reserved

PXP400-100QS Datasheet PDF - Nexperia B.V. All rights reserved
Part # PXP400-100QS
Download  PXP400-100QS Download
File Size   307.95 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, P-channel Trench MOSFET

PXP400-100QS Datasheet (PDF)

Go To PDF Page Download Datasheet
PXP400-100QS Datasheet PDF - Nexperia B.V. All rights reserved

Part # PXP400-100QS
Download  PXP400-100QS Click to download

File Size   307.95 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, P-channel Trench MOSFET

PXP400-100QS Datasheet (HTML) - Nexperia B.V. All rights reserved


PXP400-100QS Product details

1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in an MLPAK33 (SOT8002-2) Surface-
Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Trench MOSFET technology
• MLPAK33 package (3.3 x 3.3 mm footprint)
• Low thermal resistance
• Low 0.8 mm profile
3. Applications
• Active clamp circuits




Similar Part No. - PXP400-100QS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PXP400-100QS NEXPERIA-PXP400-100QS Datasheet
297Kb / 14P
100 V, P-channel Trench MOSFET
7 May 2020
PXP400-100QSJ NEXPERIA-PXP400-100QSJ Datasheet
297Kb / 14P
100 V, P-channel Trench MOSFET
7 May 2020
PXP400-100QS NEXPERIA-PXP400-100QS_V01 Datasheet
297Kb / 14P
100 V, P-channel Trench MOSFET
7 May 2020
More results


Similar Description - PXP400-100QS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
20 V, P-channel Trench MOSFET
25 April 2014
PMV250EPEA PHILIPS-PMV250EPEA_15 Datasheet
251Kb / 16P
40 V, P-channel Trench MOSFET
20 June 2014
logo
Nexperia B.V. All right...
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
20 V, P-channel Trench MOSFET
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
30 V, P-channel Trench MOSFET
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
20 V, P-channel Trench MOSFET
PMV240SP NEXPERIA-PMV240SP Datasheet
284Kb / 15P
100 V, P-channel Trench MOSFET
25 August 2020
PXP1500-100QS NEXPERIA-PXP1500-100QS Datasheet
303Kb / 14P
100 V, P-channel Trench MOSFET
31 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com