Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRN-80-1002 Datasheet (PDF) - Integrated Power Designs Inc.

GRN-80-1002 Datasheet PDF - Integrated Power Designs Inc.
Part # GRN-80-1002
Download  GRN-80-1002 Download
File Size   374.62 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 80 WATTS SINGLE OUTPUT AC-DC

GRN-80-1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRN-80-1002 Datasheet PDF - Integrated Power Designs Inc.

Part # GRN-80-1002
Download  GRN-80-1002 Click to download

File Size   374.62 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 80 WATTS SINGLE OUTPUT AC-DC

GRN-80-1002 Datasheet (HTML) - Integrated Power Designs Inc.


GRN-80-1002 Product details

FEATURES:
• Compact 2.5” x 4.25” x 1.0” Size
• 3 Year Warranty
• Universal 85-264V Input
• Single Output
• 89% Peak Efficiency
• 87% Average Efficiency
• <300mW No Load Input Power
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• 0-70°C Operating Temperature
• RoHS Compliant
• Optional Chassis/Cover




Similar Part No. - GRN-80-1002

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
GRN-80-2001 IPDPOWER-GRN-80-2001 Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-80-2002 IPDPOWER-GRN-80-2002 Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-80-2003 IPDPOWER-GRN-80-2003 Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-80-2004 IPDPOWER-GRN-80-2004 Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-80-3001 IPDPOWER-GRN-80-3001 Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
More results


Similar Description - GRN-80-1002

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
GRN-80M IPDPOWER-GRN-80M Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-110S IPDPOWER-GRN-110S Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-175 IPDPOWER-NXT-175 Datasheet
431Kb / 2P
175 WATTS SINGLE OUTPUT AC-DC
NXT-225 IPDPOWER-NXT-225 Datasheet
431Kb / 2P
225 WATTS SINGLE OUTPUT AC-DC
NXT-325 IPDPOWER-NXT-325 Datasheet
430Kb / 2P
350 WATTS SINGLE OUTPUT AC-DC
NXT-400-FN IPDPOWER-NXT-400-FN Datasheet
322Kb / 2P
400 WATTS SINGLE OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com