| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTP18N06L
|
92Kb / 12P |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3 |
|
NTD3055L170
|
93Kb / 8P |
9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3 |
|
MLD2N06CL
|
79Kb / 7P |
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2 |
|
MLP1N06CL
|
65Kb / 8P |
SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N-Channel TO-220
November, 2000 ??Rev. 2 |
|
MLP2N06CL
|
80Kb / 7P |
SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
January, 2006 ??Rev. 2 |
|
MTD20N06HDL
|
227Kb / 8P |
Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6 |
|
NTD24N06L
|
87Kb / 8P |
Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2 |
|
NTD20N06LT4G
|
128Kb / 8P |
Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3 |
|
NTD3055L104-001
|
126Kb / 8P |
12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6 |
|
NTD60N02R-35G
|
85Kb / 8P |
Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12 |