Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF7170AC Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF7170AC Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF7170AC
Download  MGF7170AC Download
File Size   316.7 Kbytes
Page   16 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description UHF BAND GaAs POWER AMPLIFIER

MGF7170AC Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF7170AC Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF7170AC
Download  MGF7170AC Click to download

File Size   316.7 Kbytes
Page   16 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description UHF BAND GaAs POWER AMPLIFIER

MGF7170AC Datasheet (HTML) - Mitsubishi Electric Semiconductor


MGF7170AC Product details

DESCRIPTION
The MGF7170AC is a monolithic microwave integrated circuit for use in CDMA base handheld phone.

FEATURES
- Low voltage operation :
   Vd=3.0V
- High output power :
   Po=28dBm typ. @f=1.715~1.78GHz
- Low distortion :
   ACP=-46dBc max. @Po=28dBm
- High efficiency :
   Id=520mA typ. @Po=28dBm
- Small size :
      7.0 x 6.1 x 1.1 mm
   Single voltage operation (NVG include)
   Surface mount package
   2 Stage Amplifier
   External matching circuit is required
  
APPLICATION
   1.9GHz band handheld phone




Similar Part No. - MGF7170AC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7175C MITSUBISHI-MGF7175C Datasheet
22Kb / 2P
3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
MGF7176C MITSUBISHI-MGF7176C Datasheet
22Kb / 2P
3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
More results


Similar Description - MGF7170AC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7168C MITSUBISHI-MGF7168C Datasheet
77Kb / 12P
UHF BAND GaAs POWER AMPLIFIER
MGF7169C MITSUBISHI-MGF7169C Datasheet
351Kb / 20P
UHF BAND GaAs POWER AMPLIFIER
MGF7175C MITSUBISHI-MGF7175C Datasheet
22Kb / 2P
3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
MGF7176C MITSUBISHI-MGF7176C Datasheet
22Kb / 2P
3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
logo
New Japan Radio
NJG1131HA8 NJRC-NJG1131HA8 Datasheet
236Kb / 10P
UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1129MD7 NJRC-NJG1129MD7 Datasheet
412Kb / 15P
UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1134HA8 NJRC-NJG1134HA8 Datasheet
393Kb / 15P
UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1139UA2 NJRC-NJG1139UA2 Datasheet
459Kb / 15P
UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
Toshiba Semiconductor
2SC1001 TOSHIBA-2SC1001 Datasheet
58Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1165 TOSHIBA-2SC1165 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com