Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8400MPFP Datasheet (PDF) - Zarlink Semiconductor Inc

SP8400MPFP Datasheet PDF - Zarlink Semiconductor Inc
Part # SP8400MPFP
Download  SP8400MPFP Download
File Size   383.74 Kbytes
Page   5 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Very Low Phase Noise Synthesiser Divider

SP8400MPFP Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8400MPFP Datasheet PDF - Zarlink Semiconductor Inc

Part # SP8400MPFP
Download  SP8400MPFP Click to download

File Size   383.74 Kbytes
Page   5 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Very Low Phase Noise Synthesiser Divider

SP8400MPFP Datasheet (HTML) - Zarlink Semiconductor Inc


SP8400MPFP Product details

The SP8400 is a very low phase noise programmable divider which is based on a divide by 8/9 dual modulus prescaler and a 12 stage control counter. This gives a minimum division ratio of 56 (64 for fractional - N synthesis applications), and a maximum division ratio of 4103. Special circuit techniques have been used to reduce the phase noise considerably below that produced by standard dividers.The data inputs are CMOS or TTL compatible.
The SP8400 is packaged in a 28 pin plastic SO package.

FEATURES
■ Very low Phase Noise (Typically -156dBc/Hz at 1kHz offset)
■ Supply Voltage 5V




Similar Part No. - SP8400MPFP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
SP8400KGMPES MITEL-SP8400KGMPES Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
More results


Similar Description - SP8400MPFP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
1.3GHz Low Phase Noise Frequency Synthesiser
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
Very Low Phase Noise Divider by 2N
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP8402 ZARLINK-SP8402 Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
Very Rugged - Low Phase Noise
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
Very Low Phase Noise Option
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com