Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTH4L080N120SC1 Datasheet (PDF) - ON Semiconductor

NTH4L080N120SC1 Datasheet PDF - ON Semiconductor
Part # NTH4L080N120SC1
Download  NTH4L080N120SC1 Download
File Size   411.64 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide (SiC) MOSFET – EliteSiC, 80mohm, 1200V, M1, TO-247-4L

NTH4L080N120SC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTH4L080N120SC1 Datasheet PDF - ON Semiconductor

Part # NTH4L080N120SC1
Download  NTH4L080N120SC1 Click to download

File Size   411.64 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide (SiC) MOSFET – EliteSiC, 80mohm, 1200V, M1, TO-247-4L

NTH4L080N120SC1 Datasheet (HTML) - ON Semiconductor


NTH4L080N120SC1 Product details

Description
Silicon Carbide (SiC) MOSFET uses a completely new technology
that provide superior switching performance and higher reliability
compared to Silicon. In addition, the low ON resistance and compact
chip size ensure low capacitance and gate charge. Consequently,
system benefits include highest efficiency, faster operation frequency,
increased power density, reduced EMI, and reduced system size.

Features
• 1200 V @ TJ = 175°C
• Max RDS(on) = 110 m at VGS = 20 V, ID = 20 A
• High Speed Switching with Low Capacitance
• 100% Avalanche Tested
• This Device is Halide Free and RoHS Compliant with exemption 7a,
Pb−Free 2LI (on second level interconnection)

Applications
• Industrial Motor Drive
• UPS
• Boost Inverter
• PV Charger




Similar Part No. - NTH4L080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
419Kb / 8P
MOSFET ??Power, N-Channel, Silicon Carbide, 1200 V, 80 m
December, 2019??Rev. 1
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
409Kb / 8P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 2
logo
Inchange Semiconductor ...
NTH4L080N120SC1 ISC-NTH4L080N120SC1 Datasheet
360Kb / 3P
SiC N-Channel MOSFET
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1_V01 Datasheet
409Kb / 8P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 2
More results


Similar Description - NTH4L080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1_V01 Datasheet
360Kb / 8P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 3
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1_V01 Datasheet
409Kb / 8P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 2
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1_V01 Datasheet
362Kb / 8P
Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 4
NTBG080N120SC1 ONSEMI-NTBG080N120SC1_V02 Datasheet
321Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 80mohm, 1200V, M1, D2PAK-7L
January, 2023 - Rev. 4
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1_V02 Datasheet
362Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 20mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 5
NTH4L160N120SC1 ONSEMI-NTH4L160N120SC1_V02 Datasheet
357Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 160mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 5
NTHL040N120SC1 ONSEMI-NTHL040N120SC1_V02 Datasheet
313Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 4
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1_V02 Datasheet
361Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 4
NTHL020N120SC1 ONSEMI-NTHL020N120SC1_V02 Datasheet
304Kb / 7P
Silicon Carbide (SiC) MOSFET – EliteSiC, 20mohm, 1200V, M1, TO-247-3L
January, 2023 - Rev. 3
NVH4L160N120SC1 ONSEMI-NVH4L160N120SC1_V01 Datasheet
358Kb / 8P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com