Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1703807 Datasheet (PDF) - PHOENIX CONTACT

1703807 Datasheet PDF - PHOENIX CONTACT
Part # 1703807
Download  1703807 Download
File Size   372.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-IPC 16/ 5-STF-10,16 - Feed-through plug

1703807 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703807 Datasheet PDF - PHOENIX CONTACT

Part # 1703807
Download  1703807 Click to download

File Size   372.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-IPC 16/ 5-STF-10,16 - Feed-through plug

1703807 Datasheet (HTML) - PHOENIX CONTACT


1703807 Product details

Feed-through connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A,
rated voltage (III/2): 1000 V, contact surface: Silver, contact connection type: Socket, number of
potentials: 5, number of rows: 1, number of positions: 5, number of connections: 5, product
range: DFK-IPC 16/..-STF, pitch: 10.16 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON PC 16, Pin connector pattern alignment: Standard, locking: Screw locking
mechanism, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Flange system enables secure fixing to the housing panel by means of tool-free snap-in locking or screws
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Shroud for professional EMC shield connection on the front of the device
• Screwable flange for superior mechanical stability




Similar Part No. - 1703807

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1703804-1 TEC-1703804-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
1703806-1 TEC-1703806-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results


Similar Description - 1703807

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703506 PHOENIX-1703506 Datasheet
180Kb / 10P
Feed-through plug - DFK-PC 16/ 7-STF-10,16
1703784 PHOENIX-1703784 Datasheet
160Kb / 9P
Feed-through plug - DFK-IPC 16/ 3-STF-10,16
1703690 PHOENIX-1703690 Datasheet
274Kb / 7P
Feed-through plug - DFK-IPC 16/ 2-ST-10,16
1703771 PHOENIX-1703771 Datasheet
267Kb / 7P
Feed-through plug - DFK-IPC 16/ 2-STF-10,16
1703467 PHOENIX-1703467 Datasheet
596Kb / 14P
Feed-through plug - DFK-PC 16/ 3-STF-10,16
Jan 3, 2023
1703483 PHOENIX-1703483 Datasheet
577Kb / 14P
Feed-through plug - DFK-PC 16/ 5-STF-10,16
Jan 3, 2023
1703454 PHOENIX-1703454 Datasheet
577Kb / 14P
Feed-through plug - DFK-PC 16/ 2-STF-10,16
Jan 4, 2023
1703470 PHOENIX-1703470 Datasheet
616Kb / 15P
Feed-through plug - DFK-PC 16/ 4-STF-10,16
Jan 5, 2023
1703713 PHOENIX-1703713 Datasheet
387Kb / 12P
Feed-through plug - DFK-IPC 16/ 4-ST-10,16
Jan 5, 2023
1703755 PHOENIX-1703755 Datasheet
422Kb / 13P
DFK-IPC 16/ 8-ST-10,16 - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com