Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1731743 Datasheet (PDF) - PHOENIX CONTACT

1731743 Datasheet PDF - PHOENIX CONTACT
Part # 1731743
Download  1731743 Download
File Size   519.22 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-G-3,5-RN - PCB header

1731743 Datasheet (PDF)

Go To PDF Page Download Datasheet
1731743 Datasheet PDF - PHOENIX CONTACT

Part # 1731743
Download  1731743 Click to download

File Size   519.22 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-G-3,5-RN - PCB header

1731743 Datasheet (HTML) - PHOENIX CONTACT


1731743 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 9, number
of rows: 1, number of positions: 9, number of connections: 9, product range: MC 1,5/..-G-RN,
pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of
packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1731743

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173174 FESTO-173174 Datasheet
97Kb / 2P
Pneumatic valve
More results


Similar Description - 1731743

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731772 PHOENIX-1731772 Datasheet
153Kb / 8P
Feed-through header - MC 1,5/12-G-3,5-RN
1731811 PHOENIX-1731811 Datasheet
146Kb / 8P
Feed-through header - MC 1,5/16-G-3,5-RN
1844281 PHOENIX-1844281 Datasheet
162Kb / 5P
MC 1,5/ 9-G-3,5
1731756 PHOENIX-1731756 Datasheet
134Kb / 8P
Feed-through header - MC 1,5/10-G-3,5-RN
1731837 PHOENIX-1731837 Datasheet
67Kb / 4P
Base strip - MC 1,5/18-G-3,5-RN
1843868 PHOENIX-1843868 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 9-GF-3,5
Nov 30, 2022
1731484 PHOENIX-1731484 Datasheet
305Kb / 10P
PCB header - MCV 1,5/ 3-G-3,5-RN
Jan 3, 2023
1731730 PHOENIX-1731730 Datasheet
516Kb / 13P
PCB header - MC 1,5/ 8-G-3,5-RN
Jan 3, 2023
1731549 PHOENIX-1731549 Datasheet
352Kb / 10P
PCB header - MCV 1,5/ 8-G-3,5-RN
1731714 PHOENIX-1731714 Datasheet
519Kb / 13P
PCB header - MC 1,5/ 6-G-3,5-RN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com