Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1786323 Datasheet (PDF) - PHOENIX CONTACT

1786323 Datasheet PDF - PHOENIX CONTACT
Part # 1786323
Download  1786323 Download
File Size   690.77 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/17-ST-5,08 - PCB connector

1786323 Datasheet (PDF)

Go To PDF Page Download Datasheet
1786323 Datasheet PDF - PHOENIX CONTACT

Part # 1786323
Download  1786323 Click to download

File Size   690.77 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/17-ST-5,08 - PCB connector

1786323 Datasheet (HTML) - PHOENIX CONTACT


1786323 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 17, number
of rows: 1, number of positions: 17, number of connections: 17, product range: IC 2,5/..-ST,
pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Easy PCB replacement thanks to plug-in modules
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Can be combined with the MSTB 2,5 range
• Low temperature rise, thanks to maximum contact force




Similar Part No. - 1786323

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786307 PHOENIX-1786307 Datasheet
806Kb / 21P
PCB connector - IC 2,5/15-ST-5,08
Jan 3, 2023
1786310 PHOENIX-1786310 Datasheet
157Kb / 6P
The figure shows a 10-position version of the product
1786310 PHOENIX-1786310 Datasheet
155Kb / 6P
MSTBU 2,5/16-STD-5,08
1786336 PHOENIX-1786336 Datasheet
142Kb / 6P
FKCT 2,5/18-ST-5,08
1786349 PHOENIX-1786349 Datasheet
77Kb / 5P
Printed-circuit board connector - IC 2,5/19-ST-5,08
More results


Similar Description - 1786323

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1860691 PHOENIX-1860691 Datasheet
452Kb / 12P
FKCOW 2,5/17-ST-5,08
1786187 PHOENIX-1786187 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1786190 PHOENIX-1786190 Datasheet
146Kb / 7P
IC 2,5/ 4-ST-5,08
1786200 PHOENIX-1786200 Datasheet
175Kb / 7P
IC 2,5/ 5-ST-5,08
1786213 PHOENIX-1786213 Datasheet
147Kb / 7P
IC 2,5/ 6-ST-5,08
1786239 PHOENIX-1786239 Datasheet
147Kb / 7P
IC 2,5/ 8-ST-5,08
1786255 PHOENIX-1786255 Datasheet
146Kb / 7P
IC 2,5/10-ST-5,08
1786271 PHOENIX-1786271 Datasheet
146Kb / 7P
IC 2,5/12-ST-5,08
1786307 PHOENIX-1786307 Datasheet
806Kb / 21P
PCB connector - IC 2,5/15-ST-5,08
Jan 3, 2023
1786352 PHOENIX-1786352 Datasheet
753Kb / 20P
PCB connector - IC 2,5/20-ST-5,08
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com