Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1786954 Datasheet (PDF) - PHOENIX CONTACT

1786954 Datasheet PDF - PHOENIX CONTACT
Part # 1786954
Download  1786954 Download
File Size   900.06 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/14-STF - PCB connector

1786954 Datasheet (PDF)

Go To PDF Page Download Datasheet
1786954 Datasheet PDF - PHOENIX CONTACT

Part # 1786954
Download  1786954 Click to download

File Size   900.06 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/14-STF - PCB connector

1786954 Datasheet (HTML) - PHOENIX CONTACT


1786954 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 14,
number of rows: 1, number of positions: 14, number of connections: 14, product range: MSTB
2,5/..-STF, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Screwable flange for superior mechanical stability
• Allows connection of two conductors




Similar Part No. - 1786954

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786950 PHOENIX-1786950 Datasheet
77Kb / 4P
Printed-circuit board connector - DMC 1,5/14-G1-3,5 P20THR
More results


Similar Description - 1786954

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719639 PHOENIX-1719639 Datasheet
112Kb / 2P
FRONT-MSTB 2,5/14-STF-5,08 BK
1777918 PHOENIX-1777918 Datasheet
157Kb / 6P
FRONT-MSTB 2,5/14-STF-5,08
1912197 PHOENIX-1912197 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 3-STF-5,08
Jul 20, 2022
1912184 PHOENIX-1912184 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 2-STF-5,08
Jul 21, 2022
1912236 PHOENIX-1912236 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 7-STF-5,08
Jul 21, 2022
1912090 PHOENIX-1912090 Datasheet
415Kb / 15P
PCB connector - MSTB 2,5 HC/ 4-STF
Jan 3, 2023
1912139 PHOENIX-1912139 Datasheet
418Kb / 15P
PCB connector - MSTB 2,5 HC/ 8-STF
1779657 PHOENIX-1779657 Datasheet
768Kb / 17P
FRONT-MSTB 2,5/ 3-STF - PCB connector
1912142 PHOENIX-1912142 Datasheet
417Kb / 15P
MSTB 2,5 HC/ 9-STF - PCB connector
1786925 PHOENIX-1786925 Datasheet
942Kb / 18P
MSTB 2,5/11-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com