Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50N06 Datasheet (PDF) - Unisonic Technologies

50N06 Datasheet PDF - Unisonic Technologies
Part # 50N06
Download  50N06 Download
File Size   145.94 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 50 Amps, 60 Volts N-CHANNEL POWER MOSFET

50N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
50N06 Datasheet PDF - Unisonic Technologies

Part # 50N06
Download  50N06 Click to download

File Size   145.94 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 50 Amps, 60 Volts N-CHANNEL POWER MOSFET

50N06 Datasheet (HTML) - Unisonic Technologies


50N06 Product details

DESCRIPTION

The UTC 50N06is three-terminal silicon device with current conduction capability of about 50A, fast switching speed. Low on-state resistance, breakdown voltage rating of 60V, and max threshold voltages of 4 volt.  It is mainly suitable electronic ballast, and low power switching mode power appliances.



FEATURES

* RDS(ON)= 23mΩ@VGS= 10 V

* Ultra low gate charge ( typical 30 nC ) 

* Low reverse transfer capacitance ( CRSS= typical 80 pF )

* Fast switching capability

* 100% avalanche energy specified

* Improved dv/dt capability




Similar Part No. - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
330Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
345Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
50N06 NELLSEMI-50N06 Datasheet
445Kb / 9P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
50N06 ISC-50N06 Datasheet
65Kb / 2P
Fast Switching Speed
logo
Chongqing Pingwei Enter...
50N06 CHONGQING-50N06 Datasheet
194Kb / 2P
50A mps,60 Volts N-CHANNEL MOSFET
More results


Similar Description - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_11 Datasheet
330Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_13 Datasheet
345Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
50 Amps, 60 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com