Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2044 Datasheet (PDF) - Unisonic Technologies

L2044 Datasheet PDF - Unisonic Technologies
Part # L2044
Download  L2044 Download
File Size   101.98 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL OUTPUT FLASHER

L2044 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2044 Datasheet PDF - Unisonic Technologies

Part # L2044
Download  L2044 Click to download

File Size   101.98 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL OUTPUT FLASHER

L2044 Datasheet (HTML) - Unisonic Technologies


L2044 Product details

■ DESCRIPTION
The UTC L2044 is a dual output stages flasher designed as a relay driver for flashing light control in automotive applications. Both sides direction indicator input with only a small control current makes switch contacts for small loads possible. Each side of the vehicle is controlled separately.
The construction of the hazard switch could be simplified due to hazard warning input is separate. The flasher will dramatically increase the flash frequency by a typical ratio of 2:1 if lamp fault is detected. The UTC L2044 can be directly connected to the battery due to extreme low current consumption

■ FEATURES
* Temperature and Supply Voltage Compensated Flashing Frequency
* Frequency Doubling Indicates Lamp Fault.
* Two Relay Driver Outputs with High Current-carrying Capacity and Low Saturation Voltage
* Minimum Lamp Load for Flasher Operation: ≥ 1W
* Very Low Sensitivity to EMI
* Extremely Low Current Consumption<10μA ( at Switches Open)
* Reverse Polarity Protection
* Three Control Inputs: Left, Right and Hazard Warning




Similar Part No. - L2044

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044-D14-T UTC-L2044-D14-T Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044-S14-R UTC-L2044-S14-R Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044-S14-T UTC-L2044-S14-T Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044G-D14-T UTC-L2044G-D14-T Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
More results


Similar Description - L2044

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
LL204 UTC-LL204 Datasheet
104Kb / 4P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
BOWIN ELECTRONIC CO.
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
logo
ATMEL Corporation
U2044B ATMEL-U2044B_08 Datasheet
257Kb / 9P
Dual Output Flasher
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_15 Datasheet
231Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
DUAL OUTPUT FLASHER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com