Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6DFA Datasheet (PDF) - TOKO, Inc

6DFA Datasheet PDF - TOKO, Inc
Part # 6DFA
Download  6DFA Download
File Size   110.54 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Dielectric Filters

6DFA Datasheet (PDF)

Go To PDF Page Download Datasheet
6DFA Datasheet PDF - TOKO, Inc

Part # 6DFA
Download  6DFA Click to download

File Size   110.54 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Dielectric Filters

6DFA Datasheet (HTML) - TOKO, Inc


6DFA Product details

TYPE #6DFA (2 Pole Type) / #6DFB (3 Pole Type)

Frequency Range: 700~1900MHz

Temperature Range: − 40°C~+ 85°C



SELECTION GUIDE FOR STANDARD DEVICES

• The Part Number shown in the table below are standard devices, which are readily available. TOKO will design and manufacture modified and custom devices with specific characteristics to meet your requiements. If you do not find the devices for your application in this catalog, please contact our sales or representative office.

• RoHS compliant



 




Similar Part No. - 6DFA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1030C-10 TOKO-6DFC-1030C-10 Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1090C-10 TOKO-6DFC-1090C-10 Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1229B-12TW TOKO-6DFC-1229B-12TW Datasheet
102Kb / 1P
Dielectric Filters
6DFC-1542G-10 TOKO-6DFC-1542G-10 Datasheet
102Kb / 1P
Dielectric Filters
More results


Similar Description - 6DFA

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
Dielectric Filters for Surface Mounting
6DFC TOKO-6DFC Datasheet
102Kb / 1P
Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GA00S0-R0 MURATA-SFECF10M7GA00S0-R0_17 Datasheet
223Kb / 3P
Filters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com