Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-1650-67PW Datasheet (PDF) - Lite-On Technology Corporation

PA-1650-67PW Datasheet PDF - Lite-On Technology Corporation
Part # PA-1650-67PW
Download  PA-1650-67PW Download
File Size   277.47 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description PD Charger Wall Mount Series

PA-1650-67PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-1650-67PW Datasheet PDF - Lite-On Technology Corporation

Part # PA-1650-67PW
Download  PA-1650-67PW Click to download

File Size   277.47 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description PD Charger Wall Mount Series

PA-1650-67PW Datasheet (HTML) - Lite-On Technology Corporation


PA-1650-67PW Product details

Description
This specification defines the performance characteristics of single phase, 65 WATT, compatible USB-PD 3.0 and Quick Charge 2.0/3.0, 1 outputs power supply. This specification also defines worldwide safety and electromagnetic compatibility requirements for the power supply which is intended for use in IA products.

Features
* Full AC input voltage range design.
* Support for QC2.0,QC3.0 / PD3.0.
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature.
* Less than 100mW low standby power.
* IEC/EN 62368-1 design compliance.
* Up to 5000 meters operating altitude.
* High power density and small size design.
* AC plug is foldable.




Similar Part No. - PA-1650-67PW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1650-50 LITEON-PA-1650-50 Datasheet
301Kb / 3P
Laptop Power Adapter
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1650-83 LITEON-PA-1650-83 Datasheet
179Kb / 1P
Class??63W LED Controlgear
PA-1650-90 LITEON-PA-1650-90 Datasheet
317Kb / 3P
Laptop Power Adapter
More results


Similar Description - PA-1650-67PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCH0038-I ETC2-UCH0038-I Datasheet
553Kb / 1P
Convenient wall socket single unit charger
logo
Tumbler Technologies + ...
TMW7 TRUMPOWER-TMW7 Datasheet
105Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
5~7 Watts Wall Mount Adapters with USB Charger
TMW7 TRUMPOWER-TMW7_16 Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
logo
Ultralife Corporation.
UCH0036 ULTRALIFE-UCH0036 Datasheet
548Kb / 1P
Convenient wall socket single unit charger
Rev A
UCH0038 ULTRALIFE-UCH0038 Datasheet
553Kb / 1P
Convenient wall socket single unit charger
Rev A
logo
Lite-On Technology Corp...
PA-1200-10MV LITEON-PA-1200-10MV Datasheet
263Kb / 3P
PD Charger Wall Mount Series
PA-1300-55HA LITEON-PA-1300-55HA Datasheet
279Kb / 3P
PD Charger Wall Mount Series
PA-2630-67PW LITEON-PA-2630-67PW Datasheet
307Kb / 3P
PD Charger Wall Mount Series
PA-3101-XXXX LITEON-PA-3101-XXXX Datasheet
300Kb / 4P
PD Charger Wall Mount Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com