Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-1900-88 Datasheet (PDF) - Lite-On Technology Corporation

PA-1900-88 Datasheet PDF - Lite-On Technology Corporation
Part # PA-1900-88
Download  PA-1900-88 Download
File Size   311.75 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Adapter 19V Series

PA-1900-88 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-1900-88 Datasheet PDF - Lite-On Technology Corporation

Part # PA-1900-88
Download  PA-1900-88 Click to download

File Size   311.75 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Adapter 19V Series

PA-1900-88 Datasheet (HTML) - Lite-On Technology Corporation


PA-1900-88 Product details

Description
This series is a class 1, single-output AC to DC 90W green adapter with C6 inlet type. It can be operated from AC 90V~264V with good efficiency performance for various ITE, industrial and networking application. It also complies world-wide Safety and EMC regulations.

Features
* Full AC input voltage design with C6 socket
* Withstand 300Vac surge voltage for 5 seconds
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature operating.
* Energy efficiency level VI compliance
* Slim and compact in size
* Various DC plug types available
* IEC/EN 62368-1 design compliance
* Up to 5000 meters operating altitude (note #4)




Similar Part No. - PA-1900-88

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1900-88E LITEON-PA-1900-88E Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
Laptop Power Adapter
PA-1900-88V LITEON-PA-1900-88V Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
More results


Similar Description - PA-1900-88

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP090-ABBU3 FSP-FSP090-ABBU3 Datasheet
526Kb / 3P
90W 19V Adapter
2021.04
FSP150-AJBU3 FSP-FSP150-AJBU3 Datasheet
269Kb / 3P
150W 19V Adapter
2021.04
FSP180-AJBU3 FSP-FSP180-AJBU3 Datasheet
269Kb / 3P
180W 19V Adapter
2021.04
logo
Lite-On Technology Corp...
HA-1400-12 LITEON-HA-1400-12 Datasheet
307Kb / 3P
Industrial Adapter 12V & 24V Series
HA-1600-12 LITEON-HA-1600-12 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1041-81 LITEON-PA-1041-81 Datasheet
319Kb / 3P
Industrial Adapter 12V Series
PA-1061-81 LITEON-PA-1061-81 Datasheet
314Kb / 3P
Industrial Adapter 12V Series
PA-1151-08E LITEON-PA-1151-08E Datasheet
304Kb / 3P
Industrial Adapter 19V Series
PA-1181-28E LITEON-PA-1181-28E Datasheet
336Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1900-88V LITEON-PA-1900-88V Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com