Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1901 Datasheet (PDF) - Unisonic Technologies

SK1901 Datasheet PDF - Unisonic Technologies
Part # SK1901
Download  SK1901 Download
File Size   235.6 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION

SK1901 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK1901 Datasheet PDF - Unisonic Technologies

Part # SK1901
Download  SK1901 Click to download

File Size   235.6 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION

SK1901 Datasheet (HTML) - Unisonic Technologies


SK1901 Product details

DESCRIPTION
SK1901 is a semiconductor integrated circuit utilizing the Hall effect. It has been so designed as to operate in the alternating magnetic field especially at low supply voltage and operation over extended temperature ranges to +125 .This Hall IC is suitable for application ℃ to various kinds of sensors, contact-less switches, and the like.

FEATURES
* Wide supply voltage range of 2.5V to 20V
* Wide temperature operation range of -20 ℃ ~+125 ℃ ℃
* TTL and MOS IC are directly drivable by the output
* The life is semipermanent because it employs contact-less parts
* SIP-3 package




Similar Part No. - SK1901

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1901 SEMTECH-SK1901 Datasheet
929Kb / 30P
1:9 Signal Distribution?
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901 Datasheet
222Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901G-AE3-R UTC-SK1901G-AE3-R Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901G-AE3-R UTC-SK1901G-AE3-R Datasheet
218Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results


Similar Description - SK1901

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3134 ALLEGRO-3134 Datasheet
160Kb / 6P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
3134 ALLEGRO-3134 Datasheet
129Kb / 6P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
3134 ALLEGRO-3134_05 Datasheet
268Kb / 7P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
October 31, 2005
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com