Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJD5304D Datasheet (PDF) - Inchange Semiconductor Company Limited

FJD5304D Datasheet PDF - Inchange Semiconductor Company Limited
Part # FJD5304D
Download  FJD5304D Download
File Size   283.68 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

FJD5304D Datasheet (PDF)

Go To PDF Page Download Datasheet
FJD5304D Datasheet PDF - Inchange Semiconductor Company Limited

Part # FJD5304D
Download  FJD5304D Click to download

File Size   283.68 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

FJD5304D Datasheet (HTML) - Inchange Semiconductor Company Limited


FJD5304D Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= 400V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= 1.0V(Max) @IC=1A
APPLICATIONS
·Designed for power amplifier,high speed switching and
regulated power supply applications.




Similar Part No. - FJD5304D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJD5304D FAIRCHILD-FJD5304D Datasheet
176Kb / 6P
High Voltage Fast Switching Transistor
logo
ON Semiconductor
FJD5304D ONSEMI-FJD5304D Datasheet
413Kb / 7P
High Voltage Fast Switching Transistor
July 2010 Rev. A1
logo
Fairchild Semiconductor
FJD5304DTF FAIRCHILD-FJD5304DTF Datasheet
176Kb / 6P
High Voltage Fast Switching Transistor
logo
ON Semiconductor
FJD5304DTF ONSEMI-FJD5304DTF Datasheet
413Kb / 7P
High Voltage Fast Switching Transistor
July 2010 Rev. A1
logo
Fairchild Semiconductor
FJD5304DTM FAIRCHILD-FJD5304DTM Datasheet
176Kb / 6P
High Voltage Fast Switching Transistor
More results


Similar Description - FJD5304D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com