Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1112911 Datasheet (PDF) - PHOENIX CONTACT

1112911 Datasheet PDF - PHOENIX CONTACT
Part # 1112911
Download  1112911 Download
File Size   231.01 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/0,3-94F/R4ACS - Patch cable

1112911 Datasheet (PDF)

Go To PDF Page Download Datasheet
1112911 Datasheet PDF - PHOENIX CONTACT

Part # 1112911
Download  1112911 Click to download

File Size   231.01 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/0,3-94F/R4ACS - Patch cable

1112911 Datasheet (HTML) - PHOENIX CONTACT


1112911 Product details

Patch cable, degree of protection: IP20, cable length: 0.3 m, number of positions: 8, 10 Gbps,
CAT6A, material: PP, connection method: Pierce connection, connection cross section: AWG 26-
26, cable outlet: straight, Ethernet

Your advantages
• Perfect for industrial applications
• PUR cable for moving applications (bend)
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1112911

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1112911 MACOM-1112911 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 1112911

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112907 PHOENIX-1112907 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/3,0-94F/R4ACS
1112909 PHOENIX-1112909 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/1,0-94F/R4ACS
1112926 PHOENIX-1112926 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93M/R4ACS
1113118 PHOENIX-1113118 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/10,0-94F/R4ACS
1113825 PHOENIX-1113825 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93B/R4ACS
1112919 PHOENIX-1112919 Datasheet
229Kb / 7P
NBC-R4ACS/0,3-94C/R4ACS - Patch cable
1536423 PHOENIX-1536423 Datasheet
224Kb / 6P
NBC-R4ACS/7,5-94F/R4ACS - Patch cable
1112908 PHOENIX-1112908 Datasheet
231Kb / 8P
NBC-R4ACS/2,0-94F/R4ACS - Patch cable
1113823 PHOENIX-1113823 Datasheet
231Kb / 8P
NBC-R4ACS/0,5-94F/R4ACS - Patch cable
1536422 PHOENIX-1536422 Datasheet
223Kb / 6P
NBC-R4ACS/6,0-94F/R4ACS - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com