Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2153201022 Datasheet (PDF) - Molex Electronics Ltd.

2153201022 Datasheet PDF - Molex Electronics Ltd.
Part # 2153201022
Download  2153201022 Download
File Size   298.64 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MINIFIT JR SR R-R 2 CIRCUIT 150MM Sn

2153201022 Datasheet (PDF)

Go To PDF Page Download Datasheet
2153201022 Datasheet PDF - Molex Electronics Ltd.

Part # 2153201022
Download  2153201022 Click to download

File Size   298.64 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MINIFIT JR SR R-R 2 CIRCUIT 150MM Sn

2153201022 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2153201022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153201022 MOLEX-2153201022 Datasheet
35Kb / 1P
Mini-Fit Jr. Female-to-Mini-Fit Jr. Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
More results


Similar Description - 2153201022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2174651061 MOLEX-2174651061 Datasheet
291Kb / 1P
ULTRA-FIT SR R-R 6CKT 150MM DISC Sn
2021/01/22
2147551021 MOLEX-2147551021 Datasheet
506Kb / 1P
MICRO-FIT3.0 R-R 2 CIRCUIT 150MM Sn
2020/01/18
2147501043 MOLEX-2147501043 Datasheet
300Kb / 1P
MICROFIT 3.0 SR R-R 4KCKT 150MM Sn
2020/05/14
2147501051 MOLEX-2147501051 Datasheet
310Kb / 1P
MICROFIT 3.0 SR R-R 5KCKT 150MM Sn
2020/05/14
2153201031 MOLEX-2153201031 Datasheet
309Kb / 1P
MINIFIT JR SR R-R 3 CIRCUIT 150MM Sn
2020/05/28
2153211061 MOLEX-2153211061 Datasheet
327Kb / 1P
MINIFIT JR SR R-S 6 CIRCUIT 150MM Sn
2020/05/28
2162801021 MOLEX-2162801021 Datasheet
427Kb / 1P
MX150 R-R SR 2ckt 150mm Sn sealed cable
2020/08/31
2162801031 MOLEX-2162801031 Datasheet
405Kb / 1P
MX150 R-R SR 3ckt 150mm Sn sealed cable
2020/08/31
2174651041 MOLEX-2174651041 Datasheet
275Kb / 1P
ULTRA-FIT SR R-R 4CKT 150MM DISC Sn
2021/01/22
2177961101 MOLEX-2177961101 Datasheet
307Kb / 1P
KK 2.54 SR R-R 10CKT 150MM DISC Sn
2021/01/11
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com