Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS573C Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54ALS573C Datasheet PDF - Texas Instruments
Part # SN54ALS573C
Download  SN54ALS573C Download
File Size   1454.25 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS

SN54ALS573C Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ALS573C Datasheet PDF - Texas Instruments

Part # SN54ALS573C
Download  SN54ALS573C Click to download

File Size   1454.25 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS

SN54ALS573C Datasheet (HTML) - Texas Instruments


SN54ALS573C Product details

3-State Buffer-Type Outputs Drive Bus
Lines Directly
• Bus-Structured Pinout
• True Logic Outputs
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), Standard Plastic (N) and
Ceramic (J) 300-mil DIPs, and Ceramic Flat
(W) Packages

description
These octal D-type transparent latches feature
3-state outputs designed specifically for driving
highly capacitive or relatively low-impedance
loads. They are particularly suitable for
implementing buffer registers, I/O ports,
bidirectional bus drivers, and working registers.
While the latch-enable (LE) input is high, outputs
(Q) respond to the data (D) inputs. When LE is low,
the outputs are latched to retain the data that was
set up.
A buffered output-enable (OE) input can be used
to place the eight outputs in either a normal logic
state (high or low) or a high-impedance state. In
the high-impedance state, the outputs neither load
nor drive the bus lines significantly. The
high-impedance state and the increased drive
provide the capability to drive bus lines without
interface or pullup components.
OE does not affect internal operation of the
latches. Old data can be retained or new data can
be entered while the outputs are in the
high-impedance state.
The SN54ALS573C and SN54AS573A are characterized for operation over the full military temperature range
of −55°C to 125°C. The SN74ALS573C and SN74AS573A are characterized for operation from 0°C to 70°C.




Similar Part No. - SN54ALS573C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI1-SN54ALS573C Datasheet
1Mb / 21P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573CFK TI-SN54ALS573CFK Datasheet
109Kb / 9P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573CFK TI1-SN54ALS573CFK Datasheet
1Mb / 21P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573CJ TI-SN54ALS573CJ Datasheet
109Kb / 9P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN54ALS573C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com