Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2763T Datasheet (PDF) - NEC

UPC2763T Datasheet PDF - NEC
Part # UPC2763T
Download  UPC2763T Download
File Size   144.32 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER

UPC2763T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2763T Datasheet PDF - NEC

Part # UPC2763T
Download  UPC2763T Click to download

File Size   144.32 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER

UPC2763T Datasheet (HTML) - NEC


UPC2763T Product details

DESCRIPTION
The UPC2762T and UPC2763T are Silicon Monolithic integrated circuits which are manufactured using the NESAT III process. The NESAT III process produces transistors with fT approaching 20 GHz. These amplifiers were designed for 900 MHz and 1.9 GHz receivers in cellular, cordless telephone and PCN applications. Operating on a 3 volt supply these ICs are ideally suited for hand-held, portable designs.

FEATURES
• 7 dBm P1dB TYPICAL AT 1.9 GHz
• LOW VOLTAGE: 3 Volts
• WIDE BANDWIDTH: 2.9 GHz at -3 dB (UPC2762T)
• HIGH GAIN: 20 dB at 1.9 GHz (UPC2763T)
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC2763T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2763T NEC-UPC2763T Datasheet
404Kb / 16P
3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2763T RENESAS-UPC2763T Datasheet
395Kb / 30P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2763T RENESAS-UPC2763T Datasheet
332Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2763T RENESAS-UPC2763T Datasheet
327Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
logo
NEC
UPC2763TB NEC-UPC2763TB Datasheet
171Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Similar Description - UPC2763T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
NXP Semiconductors
BGA6589 PHILIPS-BGA6589 Datasheet
81Kb / 12P
MMIC wideband medium power amplifier
2003 Sep 19
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
logo
NXP Semiconductors
BGA6489 PHILIPS-BGA6489 Datasheet
82Kb / 12P
MMIC wideband medium power amplifier
2003 Sep 18
logo
California Eastern Labs
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NXP Semiconductors
BGA6289 NXP-BGA6289 Datasheet
84Kb / 12P
MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6489 NXP-BGA6489 Datasheet
86Kb / 13P
MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6589 NXP-BGA6589 Datasheet
86Kb / 13P
MMIC wideband medium power amplifier
Rev. 02-25 May 2009
BGA6489,135 NXP-BGA6489,135 Datasheet
86Kb / 13P
MMIC wideband medium power amplifier
Rev. 02-15 June 2009
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com