Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

165X18169X Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

165X18169X Datasheet PDF - CONEC Elektronische Bauelemente GmbH
Part # 165X18169X
Download  165X18169X Download
File Size   402.99 Kbytes
Page   1 Pages
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH
Description 3W3 Hood (Straight) for 2 Power Contacts with OD=8.43 /-0.15 AWG6 Cable

165X18169X Datasheet (PDF)

Go To PDF Page Download Datasheet
165X18169X Datasheet PDF - CONEC Elektronische Bauelemente GmbH

Part # 165X18169X
Download  165X18169X Click to download

File Size   402.99 Kbytes
Page   1 Pages
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH
Description 3W3 Hood (Straight) for 2 Power Contacts with OD=8.43 /-0.15 AWG6 Cable

165X18169X Datasheet (HTML) - CONEC Elektronische Bauelemente GmbH




Similar Part No. - 165X18169X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X10119X CONEC-165X10119X Datasheet
51Kb / 1P
LOCK 3.4 FOR SLIDE LOCK
165X10139X CONEC-165X10139X Datasheet
73Kb / 1P
D-SUB Plastic Hood
165X10139X CONEC-165X10139X Datasheet
104Kb / 1P
PLASTIC HOOD
165X10139XE CONEC-165X10139XE Datasheet
104Kb / 1P
PLASTIC HOOD
165X10139X CONEC-165X10139X_1 Datasheet
73Kb / 1P
D-SUB Plastic Hood
More results


Similar Description - 165X18169X

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-000-6004 HARTING-09-00-000-6004 Datasheet
476Kb / 2P
Cable Sealing f. Split Hood, 4x OD 6mm
2021-10-01
09-00-000-6005 HARTING-09-00-000-6005 Datasheet
466Kb / 2P
Cable Sealing f. Split Hood, OD 4.5~6mm
2021-10-01
09-00-000-6006 HARTING-09-00-000-6006 Datasheet
468Kb / 2P
Cable Sealing f. Split Hood, OD 6~7.5mm
2021-10-01
09-00-000-6008 HARTING-09-00-000-6008 Datasheet
477Kb / 2P
Cable Sealing f. Split Hood, OD 9~10.5mm
2021-10-01
09-00-000-6009 HARTING-09-00-000-6009 Datasheet
477Kb / 2P
Cable Sealing f. Split Hood OD 10.5~12mm
2021-10-01
09-00-000-6010 HARTING-09-00-000-6010 Datasheet
477Kb / 2P
Cable Sealing f. Split Hood OD 12~13.5mm
2021-10-01
logo
CONEC Elektronische Bau...
165X17899X CONEC-165X17899X Datasheet
310Kb / 1P
3W3 Hood (Straight) for Power Contacts with AWG8 to AWG20 Cable
2005 Aug. 17
165X17889X CONEC-165X17889X Datasheet
300Kb / 1P
2W2 Hood (Straight) for Power Contacts with AWG8 to AWG20 Cable
2005 Aug. 17
165X17949X CONEC-165X17949X Datasheet
300Kb / 1P
2W2 Hood (Straight) for Power Contacts with AWG8 to AWG20 Cable
2005 Aug. 17
165X17979X CONEC-165X17979X Datasheet
310Kb / 1P
3W3 Hood (Straight) for Power Contacts with AWG8 to AWG20 Cable
2005 Aug. 17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com