Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2679 Datasheet (PDF) - Rohm

2SD2679 Datasheet PDF - Rohm
Part # 2SD2679
Download  2SD2679 Download
File Size   101.05 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2A / 30V Bipolar transistor

2SD2679 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2679 Datasheet PDF - Rohm

Part # 2SD2679
Download  2SD2679 Click to download

File Size   101.05 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2A / 30V Bipolar transistor

2SD2679 Datasheet (HTML) - Rohm




Similar Part No. - 2SD2679

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2670 ROHM-2SD2670 Datasheet
89Kb / 3P
Low frequency amplifier
2SD2670 ROHM-2SD2670 Datasheet
64Kb / 3P
Low frequency amplifier
2SD2670 ROHM-2SD2670_1 Datasheet
64Kb / 3P
Low frequency amplifier
2SD2671 ROHM-2SD2671 Datasheet
68Kb / 3P
Low frequency amplifier
2SD2672 ROHM-2SD2672 Datasheet
38Kb / 2P
Low frequency amplifier
More results


Similar Description - 2SD2679

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5916 ROHM-2SC5916 Datasheet
45Kb / 4P
Medium power transistor (30V, 2A)
2SA2113 ROHM-2SA2113 Datasheet
44Kb / 4P
Medium power transistor (-30V, -2A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SB1714 ROHM-2SB1714 Datasheet
102Kb / 3P
-2A / -30V Bipolar transistor
logo
ON Semiconductor
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
logo
Rohm
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor(-30V/-2A)
2SCR512PFRA ROHM-2SCR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com