Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1441519 Datasheet (PDF) - PHOENIX CONTACT

1441519 Datasheet PDF - PHOENIX CONTACT
Part # 1441519
Download  1441519 Download
File Size   221.16 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/40,0-93B/R4ACS - Patch cable

1441519 Datasheet (PDF)

Go To PDF Page Download Datasheet
1441519 Datasheet PDF - PHOENIX CONTACT

Part # 1441519
Download  1441519 Click to download

File Size   221.16 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/40,0-93B/R4ACS - Patch cable

1441519 Datasheet (HTML) - PHOENIX CONTACT


1441519 Product details

Patch cable, degree of protection: IP20, cable length: 40 m, number of positions: 4, 100 Mbps,
CAT5, material: PP, connection method: Pierce connection, cable outlet: straight, PROFINET

Your advantages
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 100 Mbps (CAT5)




Similar Part No. - 1441519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1441503 PHOENIX-1441503 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACS/25,0-93B/R4ACS
1441505 PHOENIX-1441505 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACS/30,0-93B/R4ACS
1441525 PHOENIX-1441525 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACS/50,0-93B/R4ACS
1441526 PHOENIX-1441526 Datasheet
221Kb / 6P
NBC-R4ACS/60,0-93B/R4ACS - Patch cable
1441532 PHOENIX-1441532 Datasheet
211Kb / 5P
SAC-12P-100,0-PVC/0,14 - Cable reel
More results


Similar Description - 1441519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112820 PHOENIX-1112820 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93B/R4ACS
1113327 PHOENIX-1113327 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/20,0-93B/R4ACS
1113328 PHOENIX-1113328 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/15,0-93B/R4ACS
1113329 PHOENIX-1113329 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/10,0-93B/R4ACS
1113330 PHOENIX-1113330 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/7,5-93B/R4ACS
1113825 PHOENIX-1113825 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93B/R4ACS
1441503 PHOENIX-1441503 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACS/25,0-93B/R4ACS
1441525 PHOENIX-1441525 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACS/50,0-93B/R4ACS
1112823 PHOENIX-1112823 Datasheet
221Kb / 6P
NBC-R4ACS/3,0-93B/R4ACS - Patch cable
1441526 PHOENIX-1441526 Datasheet
221Kb / 6P
NBC-R4ACS/60,0-93B/R4ACS - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com